Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM54N-6R5F Datasheet(PDF) 1 Page - Sumida Corporation

Part # CSM54N-6R5F
Description  RF Coils
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSM54N-6R5F Datasheet(HTML) 1 Page - Sumida Corporation

  CSM54N-6R5F Datasheet HTML 1Page - Sumida Corporation CSM54N-6R5F Datasheet HTML 2Page - Sumida Corporation CSM54N-6R5F Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type: CSM54, CSM54N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
RF Coils < SMD Type: CSM Series>
Product Description
・5.8×5.8mm Max.(L×W), 5.2mm Max. Height (CSM54),
・5.2×5.2mm Max.(L×W), 5.0mm Max. Height (CSM54N),
・Inductance: 10~77nH(CSM54);12~126nH(CSM54N)
・Operating frequency: 30MHz~150MHz(with ferrite core)
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
・Low profile SMT molded coil.
・Used in RF circuits for communication and car radio applications.
・RoHS Compliance
Dimensions (mm)
CSM54 (With case)
CSM54N (Without case)
CSM54
CSM54N
* Referance only
DATE CODE
Type
2
4
2
4
5.5±0.3
φ0.5
3.75±0.2
MAX. 5.2
φ
0.5
DATA CODE
4
2
* Referance only
MAX. 5.0
5.0±0.2
7.0±0.2


Similar Part No. - CSM54N-6R5F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
logo
Pepperl+Fuchs Inc.
CSM58 PF-CSM58 Datasheet
371Kb / 5P
   Multiturn absolute encoder
logo
China Semiconductor Cor...
CSM58261 CHINASEMI-CSM58261 Datasheet
231Kb / 6P
   2.3 Inch 5X8 Dot-Matrix Display
CSM58261 CHINASEMI-CSM58261 Datasheet
230Kb / 6P
   2.3 Inch 5X8 Dot-Matrix Display
CSM58261 CHINASEMI-CSM58261 Datasheet
229Kb / 6P
   2.3 Inch 5X8 Dot-Matrix Display
More results

Similar Description - CSM54N-6R5F

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
   RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
   RF COILS
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
   RF COILS
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
   RF Coils
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
   RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
   RF COILS
SM76 SUMIDA-SM76 Datasheet
35Kb / 1P
   RF Coils
S-7LBFN SUMIDA-S-7LBFN Datasheet
156Kb / 1P
   RF COILS
S-7GC SUMIDA-S-7GC Datasheet
30Kb / 1P
   RF COILS
S-5LG SUMIDA-S-5LG Datasheet
181Kb / 2P
   RF COILS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com