Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EP2013 Datasheet(PDF) 1 Page - Sumida Corporation

Part No. EP2013
Description  General Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

EP2013 Datasheet(HTML) 1 Page - Sumida Corporation

  EP2013 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer <Pin Type: EP Series>
Type: EP2013
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
MAX.21.0
MAX.17.5
4.5±0.2
16.2±0.2
0.5
◆ Product Description
21.0×20.5mm Max.(L×W), 13.0mm Max. Height.
In addition to the typical versions of parameters shown here,
custom designs are available to meet your exact requirements.
◆ Feature
Max. Operating frequency 300kHz. Max. Operating power 20.0W(300kHz)
Ideally used in Switching regulator, EL inverter.
RoHS Compliance
◆ Dimensions (mm)
◆ Schematics (Bottom)
“ S” is winding start
◆Specification
Sample No.
Inductance (2-4)
1kHz/1V
D.C.R.
(2-4)
Hi-pot
Winding-winding
(50/60Hz)
3307-T079
83µH ± 25%
350mΩ Max.
AC 1000Vrms/1min.
S
S
S


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CLQ7D37_06General Power Transformer 1 Sumida Corporation
CLQ102_06General Power Transformer 1 Sumida Corporation
PQ2019General Power Transformer 1 Sumida Corporation
ER4029General Power Transformer 1 Sumida Corporation
CLQ52_06General Power Transformer 1 Sumida Corporation
CLQ72B_06General Power Transformer 1 Sumida Corporation
PQ2022General Power Transformer 1 Sumida Corporation
EI3330General Power Transformer < Pin Type:EI Series> 1 Sumida Corporation
CM-5NGeneral Power Transformer 1 2 Sumida Corporation
PQ3537General Power Transformer 1 Sumida Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn