Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-A342RD-B Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-A342RD-B
Description  0.39(10.00MM)single DIGIT LED DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-A342RD-B Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BS-A342RD-B Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-A342RD-B Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-A342RD-B Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
    
  
  



 


                        




 !"
#$%&'()*!'
(!+,
&)-(.%/%"(!-&
(( 
010
!(()2
%&%.
)3
45)
)+,( 
+

+
2
4
1

)3
1 6" *
56"
-2
'.1-)
%&%.
),)+(
%&%.
.))+
7
 
 
 
 


 
8&-3
4 !()
89:9
)5).$) 0%&(,) ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; 0
)5).$) '..)+( /0.0 ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;  <
").(!+, )").('.) +,) ;;;;;;;;;;;;;;;;;;;;;;;;;; /    
(%.,) )").('.) +,) ;;;;;;;;;;;;;;;;;;;;;;;;;;; /   
)2 %&2).!+, )").('.) =7  >.% 8%26;;;;;;;;;;;;;;;;;;7  >%.  )-%+2$


Similar Part No. - BS-A342RD-B

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BS-A342RD-A YSTONE-BS-A342RD-A Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BS-A342RD-B

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-AD44RD BRIGHT-BS-AD44RD Datasheet
139Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-C341RD-B BRIGHT-BS-C341RD-B Datasheet
140Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-C344RD BRIGHT-BS-C344RD Datasheet
144Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-AG2FRD BRIGHT-BS-AG2FRD Datasheet
182Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-C346RD BRIGHT-BS-C346RD Datasheet
146Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-A34DRD BRIGHT-BS-A34DRD Datasheet
75Kb / 1P
   0.39(10.00MM) SINGLE DIGIT DISPLAY
logo
Ningbo Foryard Optoelec...
FYS-3912CX-00 FORYARD-FYS-3912CX-00 Datasheet
390Kb / 5P
   0.39 Inch (10.00mm) digit height Single Digit Display
FYS-3914AX-00 FORYARD-FYS-3914AX-00 Datasheet
384Kb / 5P
   0.39 Inch (10.00mm) digit height Single Digit Display
FYS-3912AX-00 FORYARD-FYS-3912AX-00 Datasheet
391Kb / 5P
   0.39 Inch (10.00mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-C345RD-B BRIGHT-BS-C345RD-B Datasheet
166Kb / 3P
   0.39(10.00MM) high single DIGIT 14-segments alphanumeric DISPLAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com