Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4393-T065 Datasheet(PDF) 1 Page - Sumida Corporation

Part # 4393-T065
Description  General Power & PoE Transformer Type: EF series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

4393-T065 Datasheet(HTML) 1 Page - Sumida Corporation

  4393-T065 Datasheet HTML 1Page - Sumida Corporation 4393-T065 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Power & PoE Transformer<Pin Type: EF series>
Type: EF2017
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/
2
Product Description
21.5×22.3mm Max.(L×W), 18.5mmMax. Height.
In addition to the typical versions of parameters shown here,
custom parameters are available to meet your exact requirements.
Feature
Max. Operating frequency 500kHz,Max. Operating Power 16.5W(500kHz).
Ideally used in Switching power supply etc.
Ideally used as PoE transformer.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
For General Power Transformer
For Power over Ethernet Transformer
S”indicates winding start.
S”indicates winding start.
S
S
S
MAX.18.5
15.2±0.3
3.5-0.5
+1.0
21.2±0.3
S
S
S
S
S


Similar Part No. - 4393-T065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43938 MOLEX-43938 Datasheet
158Kb / 2P
   10.00mm (.393") Pitch Mini-Fit, Sr.?
43938-2101 MOLEX11-43938-2101 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 6 Circuits
43938-2102 MOLEX11-43938-2102 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 8 Circuits
43938-2103 MOLEX11-43938-2103 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 10 Circuits
43938-2104 MOLEX11-43938-2104 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 12 Circuits
More results

Similar Description - 4393-T065

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EEH157 SUMIDA-EEH157 Datasheet
129Kb / 2P
   General Power & PoE Transformer
EEH116 SUMIDA-EEH116 Datasheet
129Kb / 2P
   General Power & PoE Transformer
EF2017B SUMIDA-EF2017B Datasheet
104Kb / 1P
   General Power Transformer
EF2520 SUMIDA-EF2520 Datasheet
123Kb / 1P
   General Power Transformer
CEFD1608 SUMIDA-CEFD1608 Datasheet
149Kb / 2P
   General Power & PoE Transformer
CEE-98 SUMIDA-CEE-98 Datasheet
142Kb / 2P
   General Power & PoE Transformer
EI-22 SUMIDA-EI-22_06 Datasheet
129Kb / 1P
   General Power Transformer < Pin Type: EI Series>
EER-137 SUMIDA-EER-137 Datasheet
116Kb / 1P
   General Power Transformer
LC-15 SUMIDA-LC-15_1 Datasheet
123Kb / 1P
   General Power Transformer
EI4036 SUMIDA-EI4036 Datasheet
66Kb / 1P
   General Power Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com