Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM-10DB Datasheet(PDF) 3 Page - Sumida Corporation

Part # KM-10DB
Description  Filter Coils
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

KM-10DB Datasheet(HTML) 3 Page - Sumida Corporation

  KM-10DB Datasheet HTML 1Page - Sumida Corporation KM-10DB Datasheet HTML 2Page - Sumida Corporation KM-10DB Datasheet HTML 3Page - Sumida Corporation KM-10DB Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type: KM-10DB, KM-10DF, KM-10DG
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Filter Coils < Pin Type: KM Series>
Testing circuit
Specification (Part No: 5303-T135)
Item
Specification
Input impedance
(Rin)
3.3kΩ
Output impedance
(Rout)
6.2kΩ
15kHz
1.0 dB Max.
19 kHz
30 dB Max.
23 kHz
15 dB Max.
Attenuation
38 kHz
25 dB Max.
Ripple
(1kHz~13kHz)
1.0dB Max.
Insertion Loss
(1kHz)
1.0dB Max.
Frequency Response (Attenuation 0dB at 1KHz)
3.KM-10DG
EV
Rin
Ro ut


Similar Part No. - KM-10DB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
KM-1.8V PERICOM-KM-1.8V Datasheet
649Kb / 2P
   1.8V CMOS 32.768kHz
logo
List of Unclassifed Man...
KM-17 ETC2-KM-17 Datasheet
304Kb / 1P
   Make Only Load Switching
More results

Similar Description - KM-10DB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FB-7SG SUMIDA-FB-7SG Datasheet
113Kb / 3P
   Filter Coils
FB-9 SUMIDA-FB-9 Datasheet
81Kb / 2P
   Filter Coils
YS-2 SUMIDA-YS-2 Datasheet
113Kb / 3P
   Filter Coils
FB2-6G SUMIDA-FB2-6G Datasheet
111Kb / 2P
   Filter Coils
Y-5 SUMIDA-Y-5 Datasheet
110Kb / 3P
   Filter Coils
TFB-3LDG SUMIDA-TFB-3LDG Datasheet
211Kb / 3P
   Filter Coils
TFB-3D SUMIDA-TFB-3D Datasheet
111Kb / 2P
   Filter Coils
FB-875 SUMIDA-FB-875 Datasheet
90Kb / 3P
   FILTER COILS
FB-21 SUMIDA-FB-21 Datasheet
86Kb / 2P
   Filter Coils
HR-5T SUMIDA-HR-5T Datasheet
52Kb / 2P
   Filter Coils
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com