Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEM7BNP-9F Datasheet(PDF) 1 Page - Sumida Corporation

Part # FEM7BNP-9F
Description  Molding RF Coils
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

FEM7BNP-9F Datasheet(HTML) 1 Page - Sumida Corporation

  FEM7BNP-9F Datasheet HTML 1Page - Sumida Corporation FEM7BNP-9F Datasheet HTML 2Page - Sumida Corporation FEM7BNP-9F Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type: FEM-7B, FEM-7BN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Molding RF Coils < Pin Type: FEM Series>
13.5 Max .
So lde r di p
3. 3 − 0. 7
4.5 ± 0. 5
7.3
+1.0
Product Description
・7.3×7.3mm Max.(L×W), 13.5mm Max. Height. (FEM-7B)
・7.3×7.3mm Max.(L×W), 13.0mm Max. Height. (FEM-7BN)
・Inductance:0.05~0.5μH .
・Operating frequency:200MHz
・In addition to the standard versions of parameters shown here, custom designs
are available to meet your exact requirements.
Feature
・Both shielded(FEM-7B) and unshielded(FEM-7BN) types are available.
・Ideally used in FM Radio ,TV. Transceiver
・High class Molded.
・RoHS Compliance
Dimensions (mm)
FEM-7B
FEM-7BN
Dimension does not include solder used on coil.
* Pin pitch should be measured at the root of terminal.
* Dimensions without tolerance are approx.
13.0 Max.
3.3±1.0
4.5±0.5
7.3 Max.
Solder dip


Similar Part No. - FEM7BNP-9F

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FEM7LNNP-1F SUMIDA-FEM7LNNP-1F Datasheet
40Kb / 1P
   Molding RF Coils
FEM7LNNP-2F SUMIDA-FEM7LNNP-2F Datasheet
40Kb / 1P
   Molding RF Coils
FEM7LNNP-3F SUMIDA-FEM7LNNP-3F Datasheet
40Kb / 1P
   Molding RF Coils
FEM7LNNP-4F SUMIDA-FEM7LNNP-4F Datasheet
40Kb / 1P
   Molding RF Coils
FEM7LNNP-5F SUMIDA-FEM7LNNP-5F Datasheet
40Kb / 1P
   Molding RF Coils
More results

Similar Description - FEM7BNP-9F

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FEM-12A SUMIDA-FEM-12A Datasheet
47Kb / 2P
   Molding RF Coils
FEM-10 SUMIDA-FEM-10 Datasheet
67Kb / 2P
   Molding RF Coils
FEM-7LN SUMIDA-FEM-7LN Datasheet
40Kb / 1P
   Molding RF Coils
FEM-85 SUMIDA-FEM-85 Datasheet
81Kb / 2P
   Molding RF Coils
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
   RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
   RF COILS
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
   RF COILS
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
   RF Coils
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
   RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
   RF COILS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com