Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEM10NP-1N6 Datasheet(PDF) 1 Page - Sumida Corporation

Part # FEM10NP-1N6
Description  Molding RF Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

FEM10NP-1N6 Datasheet(HTML) 1 Page - Sumida Corporation

  FEM10NP-1N6 Datasheet HTML 1Page - Sumida Corporation FEM10NP-1N6 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: FEM-10, FEM-10C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Molding RF Coils < Pin Type: FEM Series>
Product Description
・10.0×6.5mm Max.(L×W), 12.5mm Max. Height.
・Inductance:0.05~0.23μH .
・Operating frequency:200MHz
・In addition to the standard versions of parameters shown here, custom designs
are available to meet your exact requirements.
Feature
Connection (Bottom View)
・Variable unshielded type.
・Ideally used in FM Radio ,TV. Transceiver
・RoHS Compliance
Dimensions (mm)
FEM-10
FEM-10C
Dimension does not include solder used on coil.
* Pin pitch should be measured at the root of terminal.
φ6.0±0.5
12.0±0.5
4.0±1.0
6.0±0.5
12.0±0.5
4.0±1.0


Similar Part No. - FEM10NP-1N6

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FEM102-LFR FRONTIER-FEM102-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEM103-LFR FRONTIER-FEM103-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEM104-LFR FRONTIER-FEM104-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEM105-LFR FRONTIER-FEM105-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEM106-LFR FRONTIER-FEM106-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FEM10NP-1N6

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FEM-12A SUMIDA-FEM-12A Datasheet
47Kb / 2P
   Molding RF Coils
FEM-7B SUMIDA-FEM-7B Datasheet
60Kb / 3P
   Molding RF Coils
FEM-7LN SUMIDA-FEM-7LN Datasheet
40Kb / 1P
   Molding RF Coils
FEM-85 SUMIDA-FEM-85 Datasheet
81Kb / 2P
   Molding RF Coils
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
   RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
   RF COILS
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
   RF COILS
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
   RF Coils
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
   RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
   RF COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com