Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2211 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2211
Description  1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2211 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2211 Datasheet HTML 1Page - Texas Instruments OPA2211 Datasheet HTML 2Page - Texas Instruments OPA2211 Datasheet HTML 3Page - Texas Instruments OPA2211 Datasheet HTML 4Page - Texas Instruments OPA2211 Datasheet HTML 5Page - Texas Instruments OPA2211 Datasheet HTML 6Page - Texas Instruments OPA2211 Datasheet HTML 7Page - Texas Instruments OPA2211 Datasheet HTML 8Page - Texas Instruments OPA2211 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BurrBrown Products
from Texas Instruments
OP
A211
OP
A2211
OP
A211
OP
A2211
FEATURES
DESCRIPTION
APPLICATIONS
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
OPA2211
MSOP-8
A
B
1
2
3
4
8
7
6
5
Enable
V+
OUT
NC
NC
-
IN
+IN
V
-
OPA211
MSOP-8
OPA211
OPA2211
SBOS377A – OCTOBER 2006 – REVISED FEBRUARY 2007
1.1nV/
√Hz Noise, Low Power, Precision
Operational Amplifier in Tiny DFN-8 Package
• LOW-VOLTAGE NOISE: 1.1nV/√Hz at 1kHz
The OPA211 series achieves very low 1.1nV/
√Hz
noise density with a supply current of only 3.6mA. It
• 100nV
PP INPUT VOLTAGE NOISE, 0.1Hz–10Hz
also offers rail-to-rail output swing, which helps to
• LOW OFFSET VOLTAGE: 100µV (max)
maximize dynamic range.
• LOW OFFSET VOLTAGE DRIFT: 0.2µV/°C (typ)
The OPA211 series’ extremely low voltage and
• LOW SUPPLY CURRENT: 3.6mA/Ch
current noise, high speed and wide output swing
• UNITY GAIN STABLE
make it an excellent choice as a loop filter amplifier
in PLL applications.
• GAIN BANDWIDTH PRODUCT:
80MHz (G = 100)
In
precision
data
acquisition
applications,
the
• SLEW RATE: 27V/µs
OPA211 series of op amps provide <1
µs settling
time to 16-bit accuracy even for 10V output swings.
• WIDE SUPPLY RANGE:
This ac performance, combined with only 100
µV of
±2.25V to ±18V, +4.5V to +36V
offset and low drift over temperature, make the
• RAIL-TO-RAIL OUTPUT
OPA211
highly
suitable
for
driving
fast,
• OUTPUT CURRENT: 30mA
high-precision analog-to-digital converters (ADCs) or
buffering
the
outputs
of
high-resolution
• SHUTDOWN: 20µA (max)
digital-to-analog converters (DACs).
• AVAILABLE IN TINY DFN-8 (3x3mm), MSOP-8,
The OPA211 is specified over the very wide
SO-8
dual-power supply range of
±2.25V to ±18V, or
single-supply operation from +4.5V to +36V.
• PLL LOOP FILTER
The OPA211 is available in the tiny DFN-8 (3
×3mm)
and MSOP-8 and SO-8 packages. A dual version,
• LOW-NOISE, LOW-POWER SIGNAL
the OPA2211, is available in the DFN-8 (3
×3mm) or
PROCESSING
an MSOP-8 package. This series of op amps is
• HIGH-PERFORMANCE ADC DRIVERS
specified from –40
°C to +125°C.
• HIGH-PERFORMANCE DAC OUTPUT
AMPLIFIER
• ACTIVE FILTERS
• LOW-NOISE INSTRUMENTATION AMPS
• ULTRASOUND AMPLIFIERS
• PROFESSIONAL AUDIO PREAMPLIFIERS
• LOW-NOISE FREQUENCY SYNTHESIZERS
• INFRARED DETECTOR AMPLIFIERS
• HYDROPHONE AMPLIFIERS
• MEDICAL
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2006–2007, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - OPA2211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2211 TI-OPA2211 Datasheet
634Kb / 17P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA2211 TI1-OPA2211 Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Precision Operational Amplifier
More results

Similar Description - OPA2211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211AIDRGR TI1-OPA211AIDRGR Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI1-OPA211 Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI-OPA211_08 Datasheet
634Kb / 17P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211-EP TI1-OPA211-EP Datasheet
592Kb / 23P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-EP TI-OPA211-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
LMC7101 TI1-LMC7101 Datasheet
1Mb / 33P
[Old version datasheet]   Tiny Low-Power Operational Amplifier
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com