Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYT6166CPN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CYT6166CPN
Description  150mA CMOS LDO Regulator (Preliminary)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT6166CPN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CYT6166CPN Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT6166CPN Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT6166CPN Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT6166CPN Datasheet HTML 4Page - List of Unclassifed Manufacturers CYT6166CPN Datasheet HTML 5Page - List of Unclassifed Manufacturers CYT6166CPN Datasheet HTML 6Page - List of Unclassifed Manufacturers CYT6166CPN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary and all contents are subject to change without prior notice.
3
150mA CMOS LDO
Regulator
(Preliminary)
CYT6166
Electrical Characteristics
VIN = 5V; CIN = 2.2µF; COUT = 2.2µF; IOUT = 10mA; TJ = 25°C; unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
Accuracy
CYT6166 – 1.5V
CYT6166 – 1.8V
CYT6166 – 2.5V
CYT6166 – 2.8V
CYT6166 – 3.0V
CYT6166 – 3.3V
1.470
1.764
2.450
2.744
2.940
3.234
1.5
1.8
2.5
2.8
3.0
3.3
1.530
1.836
2.550
2.856
3.060
3.366
V
V
V
V
V
∆VOUT
Line Regulation
VIN = VOUT + 1V to 5.5V, IOUT = 10mA
--
1
--
%
∆VOUT
Load Regulation
(5)
VIN = 5V; IOUT = 10mA to 150mA
--
1
--
%
∆VOUT/∆T
Output Voltage
Temperature
Coefficient
Note 4
--
0.79
--
mV/°C
IOUT = 10mA
--
20
--
IOUT = 75mA
--
203
--
VIN – VOUT
Dropout Voltage
(6)
IOUT = 150mA
--
500
--
mV
Thermal Protection Temperature
--
150
--
TPROTECTION
Thermal
Protection
Protection Hysterisys
--
20
--
°C
PSRR
Ripple Rejection
f = 120 Hz
--
51
--
dB
IQ
Quiescent Current
IOUT = 10mA
--
1
2
mA
ILIMIT
Current Limit
300
--
--
mA
Absolute Maximum Ratings
(1)
Supply Input Voltage (VIN) ..……...….… 0.7V to +6V
Power Dissipation (PD) ……….. Internally Limited
(3)
Junction Temperature (TJ) ……..... …0°C to +125°C
Lead Temperature (soldering, 5 sec.) …....…. 260°C
Storage Temperature (TS) ……….. -40°C to +150°C
Operating Ratings
(2)
Supply Input Voltage (VIN) ……...... +2.0V to +5.5V
Junction Temperature (TJ) …….….. 0°C to +125°C
Package Thermal Resistance
160°C/W (TO-92)
230°C/W (SOT-23-3L)
250°C/W (SOT-323-3L)


Similar Part No. - CYT6166CPN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167AHG ETC2-CYT6167AHG Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167AHN ETC2-CYT6167AHN Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167ALG ETC2-CYT6167ALG Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167ALN ETC2-CYT6167ALN Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
More results

Similar Description - CYT6166CPN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com