Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5-5R6-NP Datasheet(PDF) 2 Page - Sumida Corporation

Part # P5-5R6-NP
Description  IFT COILS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P5-5R6-NP Datasheet(HTML) 2 Page - Sumida Corporation

  P5-5R6-NP Datasheet HTML 1Page - Sumida Corporation P5-5R6-NP Datasheet HTML 2Page - Sumida Corporation P5-5R6-NP Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type: P-5LGB/FM, P-5LGB/AM, P-5LGB/MW ,P-5LGB/SW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
IFT COILS < Pin Type: P-5 Series>
Specification (P-5LGB/FM)
(Part No. 4186-T005)
Item
(1-3)
Measuring Condition
Frequency
10.7MHz±1% Variable
Unloaded Qu
50 Min
10.7MHz
INT Capacity
47pF±10% Within
Ext. stray capacity 10pF between (1-3) at measuring.
Specification (P-5LGB/AM)
(Part No. 4185-T007)
Specification (P-5LGB/MW)
(Part No. 4187-T022)
Item
(1-3)
Measuring Condition
Tuning frequency
450kHz±1% Variable
Unloaded Qu
35 Min.
450kHz
Capacity
180pF±10%
Ext. stray capacity 0pF between (1-3) at measuring.
Item
(1−3)
Measuring Condition
Inductance
2.0μH ± 3%
Variable
455 KHz
Unloaded Qu
40
Min.
455 KHz


Similar Part No. - P5-5R6-NP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P5-9VVIN FREESCALE-P5-9VVIN Datasheet
1Mb / 17P
   FRDM-KL46Z Users Manual
logo
NXP Semiconductors
P5-9V_VIN NXP-P5-9V_VIN Datasheet
1Mb / 17P
   FRDM-KL46Z User’s Manual
Rev. 1.0
More results

Similar Description - P5-5R6-NP

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com