Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5-5R1-NP Datasheet(PDF) 1 Page - Sumida Corporation

Part # P5-5R1-NP
Description  IFT COILS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P5-5R1-NP Datasheet(HTML) 1 Page - Sumida Corporation

  P5-5R1-NP Datasheet HTML 1Page - Sumida Corporation P5-5R1-NP Datasheet HTML 2Page - Sumida Corporation P5-5R1-NP Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type: P-5LGB/FM, P-5LGB/AM, P-5LGB/MW ,P-5LGB/SW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
IFT COILS < Pin Type: P-5 Series>
Product Description
・6.1×6.1mm Max.(L×W), 6.5mm Max. Height.
・Inductance:1~1.0mH Max.
・Operating frequency:20MHz Max.
・In addition to the reference versions and standard version (P-5LGB/SW) of
parameters shown here, custom designs are available to meet your exact requirements.
Feature
・Variable shielded types.
・AM,FM,MW,SW types are available.
・Internally assembled condenser is available.
・Ideally used in Radio (AM, FM ,MW,SW),TV. Transceiver
・RoHS Compliance
Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch shall be measured at the root of terminal.
* Dimension without tolerance are approx.
Connection (Bottom View)
P-5LGB/FM
P-5LGB/AM
P-5LGB/MW
P-5LGB/SW
“S” is winding start.
S
S
S
S
S
S
S
S
6.5 MAX.
2.6±0.4
2.8±0.2
5.8±0.3
3.5±0.15
6.0


Similar Part No. - P5-5R1-NP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P5-9VVIN FREESCALE-P5-9VVIN Datasheet
1Mb / 17P
   FRDM-KL46Z Users Manual
logo
NXP Semiconductors
P5-9V_VIN NXP-P5-9V_VIN Datasheet
1Mb / 17P
   FRDM-KL46Z User’s Manual
Rev. 1.0
More results

Similar Description - P5-5R1-NP

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com