Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYT6166ALG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CYT6166ALG
Description  150mA CMOS LDO Regulator (Preliminary)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT6166ALG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CYT6166ALG Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT6166ALG Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT6166ALG Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT6166ALG Datasheet HTML 4Page - List of Unclassifed Manufacturers CYT6166ALG Datasheet HTML 5Page - List of Unclassifed Manufacturers CYT6166ALG Datasheet HTML 6Page - List of Unclassifed Manufacturers CYT6166ALG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary and all contents are subject to change without prior notice.
1
150mA CMOS LDO
Regulator
(Preliminary)
CYT6166
Description
The
CYT6166 series of fixed output low dropout
linear regulators are designed for portable battery
powered applications, which require low dropout
voltage and low ground current.
Each device
contains a voltage reference unit, an error amplifier,
a PMOS power transistor, and resistors for setting
output voltage, and current limit and temperature
limit protection circuits.
The
CYT6166 has been designed to be used
with low cost capacitors and requires a minimum
output capacitor of 1.0µF. Standard voltage versions
are 1.5, 1.8, 2.5, 2.8, 3.0, and 3.3V.
Features
Typical Low Dropout Voltage of 203mV at
75mA.
Guaranteed 150mA output over the full
operating temperature range.
Excellent Line and Load Regulation.
High Accuracy Output Voltage of 2%.
Typical Low Ground Current at 1mA
Current Limiting and Thermal Protection.
Standard SOT-23-3L, TO-92, and SOT-323-3L
Package.
Applications
Cellphones.
Wireless LAN’s.
Hand-Held Instrumentation.
Portable Video Game Devices.
Digital Cameras.
Ordering/Marking Information
Package
Ordering Information
Marking Information
3.3V
CYT6166AHN
CYT6166AHN
YYWW
2.8V
CYT6166BHN
CYT6166BHN
YYWW
2.5V
CYT6166CHN
CYT6166CHN
YYWW
1.8V
CYT6166DHN
CYT6166DHN
YYWW
1.5V
CYT6166EHN
CYT6166EHN
YYWW
3.0V
CYT6166FHN
CYT6166FHN
YYWW
3.3V
CYT6166AHG
CYT6166AHG
YYWW
2.8V
CYT6166BHG
CYT6166BHG
YYWW
2.5V
CYT6166CHG
CYT6166CHG
YYWW
1.8V
CYT6166DHG
CYT6166DHG
YYWW
1.5V
CYT6166EHG
CYT6166EHG
YYWW
3.0V
CYT6166FHG
CYT6166FHG
YYWW
YY: year code
WW: week code.


Similar Part No. - CYT6166ALG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167AHG ETC2-CYT6167AHG Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167AHN ETC2-CYT6167AHN Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167ALG ETC2-CYT6167ALG Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167ALN ETC2-CYT6167ALN Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
More results

Similar Description - CYT6166ALG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com