Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCR875DNP-471K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCR875DNP-471K
Description  POWER INDUCTORS < Pin Type: RCR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCR875DNP-471K Datasheet(HTML) 2 Page - Sumida Corporation

  RCR875DNP-471K Datasheet HTML 1Page - Sumida Corporation RCR875DNP-471K Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS < Pin Type: RCR Series>
Type RCR-875D
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
Part Name
Stamp
Inductance
[Within]
1
D.C.R.
(Ω) [Max.]
at 20℃
Rated
Current
(mA) ※2
Unload
(Ref.)
RCR875DNP-1R2L
RCR875DNP-1R7L
RCR875DNP-2R3L
RCR875DNP-3RØL
1R2L
1R7L
2R3L
3R0L
1.2μH ± 15%
1.7μH ± 15%
2.3μH ± 15%
3.0μH ± 15%
18 m
22 m
25 m
28m
4140
3750
3450
3250
20
20
18.5
19
RCR875DNP-3R9L
RCR875DNP-4R7L
RCR875DNP-5R6L
3R9L
4R7L
5R6L
3.9μH ± 15%
4.7μH ± 15%
5.6μH ± 15%
31m
35m
39m
3080
2940
2820
18
19.5
18.5
RCR875DNP-7RØL
RCR875DNP-8R2L
RCR875DNP-1ØØL
RCR875DNP-12ØL
7R0L
8R2L
100L
120L
7.0μH ± 15%
8.2μH ± 15%
10μH ± 15%
12μH ± 15%
43m
47m
50m
54m
2680
2550
2400
2250
18
16.5
53.5
54
RCR875DNP-15ØL
RCR875DNP-18ØL
150L
180L
15μH ± 15%
18μH ± 15%
62m
71m
1950
1780
52
52.5
RCR875DNP-22ØL
RCR875DNP-27ØL
RCR875DNP-33ØL
RCR875DNP-39ØL
220L
270L
330L
390L
22μH ± 15%
27μH ± 15%
33μH ± 15%
39μH ± 15%
0.08
0.10
0.14
0.15
1600
1400
1300
1200
88
90
87
84
RCR875DNP-47ØL
RCR875DNP-56ØK
RCR875DNP-68ØK
RCR875DNP-82ØK
470L
560K
680K
820K
47μH ± 15%
56μH ± 10%
68μH ± 10%
82μH ± 10%
0.17
0.19
0.21
0.27
1100
990
890
810
74
60
61
61
RCR875DNP-1Ø1K
RCR875DNP-121K
RCR875DNP-151K
RCR875DNP-181K
101K
121K
151K
181K
100μH ± 10%
120μH ± 10%
150μH ± 10%
180μH ± 10%
0.32
0.36
0.51
0.57
740
670
600
550
86
89
100
101
RCR875DNP-221K
RCR875DNP-271K
RCR875DNP-331K
RCR875DNP-391K
221K
271K
331K
391K
220μH ± 10%
270μH ± 10%
330μH ± 10%
390μH ± 10%
0.76
0.86
0.97
1.28
500
450
410
370
112
116
117
121
RCR875DNP-471K
RCR875DNP-561K
RCR875DNP-681K
RCR875DNP-821K
471K
561K
681K
821K
470μH ± 10%
560μH ± 10%
680μH ± 10%
820μH ± 10%
1.44
1.61
2.07
2.33
340
310
280
260
126
132
138
139
RCR875DNP-1Ø2K
RCR875DNP-122K
RCR875DNP-152K
RCR875DNP-182K
102K
122K
152K
182K
1.0 mH ± 10%
1.2 mH ± 10%
1.5 mH ± 10%
1.8 mH ± 10%
2.72
3.98
4.50
6.81
230
210
190
170
145
140
144
147
RCR875DNP-222K
RCR875DNP-272K
RCR875DNP-332K
RCR875DNP-392K
222K
272K
332K
392K
2.2 mH ± 10%
2.7 mH ± 10%
3.3 mH ± 10%
3.9 mH ± 10%
7.56
8.54
9.74
12.9
160
140
130
120
152
156
158
159
RCR875DNP-472K
RCR875DNP-562K
RCR875DNP-682K
RCR875DNP-822K
472K
562K
682K
822K
4.7 mH ± 10%
5.6 mH ± 10%
6.8 mH ± 10%
8.2 mH ± 10%
14.7
20.4
23.0
30.6
110
99
89
81
161
151
155
146
RCR875DNP-1Ø3K
103K
10 mH ± 10%
35.0
74
151
1:Measuring frequency: L 100μH ~ 10 mH(1kHz); 1.2μH ~ 82μH( 2.52 MHz)
10μH ~ 82μH(2.52 MHz); 100μH ~ 10 mH(100 kHz)
1.2μH ~ 8.2μH(7.96 MHz)
2
:Rated current: The DC current at which the inductance decreases 90% of it’s initial value or when
t=40℃,whichever is lower(Ta=20℃).


Similar Part No. - RCR875DNP-471K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCR875DNP-471K SUMIDA-RCR875DNP-471K Datasheet
320Kb / 7P
   PIN Power Inductor
More results

Similar Description - RCR875DNP-471K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1616 SUMIDA-RCR1616 Datasheet
157Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com