Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYT6166EHNYYWW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CYT6166EHNYYWW
Description  150mA CMOS LDO Regulator (Preliminary)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT6166EHNYYWW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CYT6166EHNYYWW Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT6166EHNYYWW Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT6166EHNYYWW Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT6166EHNYYWW Datasheet HTML 4Page - List of Unclassifed Manufacturers CYT6166EHNYYWW Datasheet HTML 5Page - List of Unclassifed Manufacturers CYT6166EHNYYWW Datasheet HTML 6Page - List of Unclassifed Manufacturers CYT6166EHNYYWW Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Preliminary and all contents are subject to change without prior notice.
4
150mA CMOS LDO
Regulator
(Preliminary)
CYT6166
Note 1:
Exceeding the absolute maximum rating may damage the device.
Note 2:
The device is not guaranteed to function outside its operating rating.
Note 3:
The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD(MAX) =
(TJ(MAX) – TA)/ΘJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature,
and the regulator will go into thermal shutdown. See “Thermal Consideration” section for details
Note 4:
Output voltage temperature coefficient is the worst case voltage change divided by the total temperature range.
Note 5:
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested
for load regulation in the load range from 0.1mA to 150mA. Changes in output voltage due to heating effects are
covered by the thermal regulation specification.
Note 6:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Typical Application


Similar Part No. - CYT6166EHNYYWW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167AHG ETC2-CYT6167AHG Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167AHN ETC2-CYT6167AHN Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167ALG ETC2-CYT6167ALG Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167ALN ETC2-CYT6167ALN Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
More results

Similar Description - CYT6166EHNYYWW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com