Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3991VT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS3991VT
Description  Low-Cost CCFL Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3991VT Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS3991VT Datasheet HTML 1Page - Maxim Integrated Products DS3991VT Datasheet HTML 2Page - Maxim Integrated Products DS3991VT Datasheet HTML 3Page - Maxim Integrated Products DS3991VT Datasheet HTML 4Page - Maxim Integrated Products DS3991VT Datasheet HTML 5Page - Maxim Integrated Products DS3991VT Datasheet HTML 6Page - Maxim Integrated Products DS3991VT Datasheet HTML 7Page - Maxim Integrated Products DS3991VT Datasheet HTML 8Page - Maxim Integrated Products DS3991VT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Cost CCFL Controller
_______________________________________________________________________________________
5
HALF-BRIDGE NORMAL OPERATION,
20
μs
DS3991 toc10
20
μs
5.0V
20
μs
5.0V
GA
GB
LCM
20
μs
2.0V
OVD
20
μs
2.0V
HALF-BRIDGE SOFT-START
AT VINV = 12.5V
DS3991 toc11
50
μs
5.0V
50
μs
5.0V
GA
GB
LCM
50
μs
2.0V
OVD
50
μs
2.0V
HALF-BRIDGE LAMP STRIKE,
EXPANDED VIEW
DS3991 toc12
0.5ms
5.0V
0.5ms
5.0V
GA
GB
LCM
0.5ms
2.0V
OVD
0.5ms
2.0V
HALF-BRIDGE BURST DIMMING
AT 166Hz, 10%
DS3991 toc13
1ms
5.0V
1ms
5.0V
GA
GB
LCM
1ms
2.0V
OVD
1ms
2.0V
HALF-BRIDGE BURST DIMMING
AT 166Hz, 50%
DS3991 toc14
1ms
5.0V
1ms
5.0V
GA
GB
LCM
1ms
2.0V
OVD
1ms
2.0V
Typical Operating Characteristics (continued)
(VCC = 5.0V, TA = +25°C, single-lamp configuration, unless otherwise noted.)


Similar Part No. - DS3991VT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3992 MAXIM-DS3992 Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N MAXIM-DS3992Z-09N Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N++ MAXIM-DS3992Z-09N+ Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N+R MAXIM-DS3992Z-09N+R Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N+T MAXIM-DS3992Z-09N+T Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
More results

Similar Description - DS3991VT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
   Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
   Low-Cost CCFL Backlight Controller
Rev 3; 2/09
logo
Beyond Innovation Techn...
BIT3102B BITEK-BIT3102B Datasheet
49Kb / 1P
   Low Cost PWM CCFL Controller
logo
List of Unclassifed Man...
BI3102 ETC-BI3102 Datasheet
158Kb / 6P
   LOW COST PWM CCFL CONTROLLER
logo
Maxim Integrated Produc...
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
   Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
logo
List of Unclassifed Man...
OB3302 ETC-OB3302 Datasheet
201Kb / 1P
   Cost Effective CCFL Controller -- Push Pull
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
   Low-Cost DTAD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com