Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3991VT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS3991VT
Description  Low-Cost CCFL Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3991VT Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS3991VT Datasheet HTML 5Page - Maxim Integrated Products DS3991VT Datasheet HTML 6Page - Maxim Integrated Products DS3991VT Datasheet HTML 7Page - Maxim Integrated Products DS3991VT Datasheet HTML 8Page - Maxim Integrated Products DS3991VT Datasheet HTML 9Page - Maxim Integrated Products DS3991VT Datasheet HTML 10Page - Maxim Integrated Products DS3991VT Datasheet HTML 11Page - Maxim Integrated Products DS3991VT Datasheet HTML 12Page - Maxim Integrated Products DS3991VT Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Low-Cost CCFL Controller
_______________________________________________________________________________________
9
If the PWM_EN pin is tied high, the digital control
method is enabled and an external PWM signal
between 80Hz and 300Hz is applied at the POSC/PWM
pin to set the brightness of the lamp. In the digital con-
trol method, the SLOPE and BRIGHT pins are not used.
Lamp Strike
On lamp strike, the DS3991 boosts the normal operating
lamp frequency by 33%. This is done to increase the
voltage created and help ensure that the lamp strikes.
Once the controller detects that the lamp has struck, the
frequency is returned to the normal lamp frequency.
Setting the Lamp and DPWM Frequencies Using
External Resistors
Both the lamp and DPWM frequencies are set using
external resistors. The resistance required for either fre-
quency can be determined using the following formula:
where K = 4000k
Ω x kHz for lamp frequency calcula-
tions, K = 4k
Ω x kHz for DPWM frequency calculations.
Example: Select the resistor values to configure the
DS3991 to have a 50kHz lamp frequency and a 160Hz
DPWM frequency. For the DPWM resistor calculation, K
= 4 k
Ω x kHz. For the lamp frequency resistor (RLOSC)
calculation, K = 4000 k
Ω x kHz. The formula above can
now be used to calculate the resistor values for RLOSC
and RPOSC as follows:
Supply Monitoring
The DS3991 has supply-voltage monitors (SVML and
SVMH) for the inverter’s DC supply (VINV) and an
undervoltage lockout for the VCC supply to ensure that
voltage levels are adequate for proper operation. The
inverter supply is monitored for overvoltage conditions
at the SVMH pin and undervoltage conditions at the
SVML pin. External resistor-dividers at each SVM input
feed into two comparators, both having 2V thresholds
(see Figure 2). Using the equation below to determine
the resistor values, the SVMH and SVML trip points
(VTRIP) can be customized to shut off the inverter when
the inverter supply voltage rises above or drops below
specified values.
Operating with the inverter supply at too low of a level can
prevent the transformer from reaching the strike voltage
and could potentially cause numerous other problems.
Operating with the inverter voltage at too high of a level
can be damaging to the inverter components. Proper use
of the SVMs can prevent these problems. If desired, the
high and/or low SVMs can be disabled by connecting the
SVMH pin to GND and the SVML pin to VCC.
The SVMH and SVML are high-impedance inputs and
noise on the inverter supply can cause the monitors to
inadvertently trigger even though the inputs contain hys-
teresis. The user may wish to add a lowpass filter to
reduce the noise present at the SVMH and SVML inputs.
The VCC monitor is a 5V supply undervoltage lockout
(UVLO) that prevents operation when the DS3991 does
not have adequate voltage for its analog circuitry to
operate or to drive the external MOSFETs. The VCC
monitor features hysteresis to prevent VCC noise from
VTRIP = 2.0
R1 + R2
R1
RPOSC =
4k
kHz
0.160kHz
= 25k
RLOSC =
4000k
kHz
50kHz
= 80k
ROSC =
K
fOSC
80Hz TO 300Hz
LAMP CURRENT
SOFT-START
BURST-DIMMING PWM SIGNAL
(EITHER CREATED INSIDE THE DS3991 OR
SOURCED AT THE POSC/PWM PIN)
Figure 1. Digital PWM Dimming and Soft-Start


Similar Part No. - DS3991VT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3992 MAXIM-DS3992 Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N MAXIM-DS3992Z-09N Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N++ MAXIM-DS3992Z-09N+ Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N+R MAXIM-DS3992Z-09N+R Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N+T MAXIM-DS3992Z-09N+T Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
More results

Similar Description - DS3991VT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
   Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
   Low-Cost CCFL Backlight Controller
Rev 3; 2/09
logo
Beyond Innovation Techn...
BIT3102B BITEK-BIT3102B Datasheet
49Kb / 1P
   Low Cost PWM CCFL Controller
logo
List of Unclassifed Man...
BI3102 ETC-BI3102 Datasheet
158Kb / 6P
   LOW COST PWM CCFL CONTROLLER
logo
Maxim Integrated Produc...
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
   Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
logo
List of Unclassifed Man...
OB3302 ETC-OB3302 Datasheet
201Kb / 1P
   Cost Effective CCFL Controller -- Push Pull
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
   Low-Cost DTAD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com