Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYT6166BHG Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CYT6166BHG
Description  150mA CMOS LDO Regulator (Preliminary)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT6166BHG Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CYT6166BHG Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT6166BHG Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT6166BHG Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT6166BHG Datasheet HTML 4Page - List of Unclassifed Manufacturers CYT6166BHG Datasheet HTML 5Page - List of Unclassifed Manufacturers CYT6166BHG Datasheet HTML 6Page - List of Unclassifed Manufacturers CYT6166BHG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Preliminary and all contents are subject to change without prior notice.
5
150mA CMOS LDO
Regulator
(Preliminary)
CYT6166
Application Hints
Like any low dropout regulator,
CYT6166 requires
external capacitors to ensure stability.
The
external capacitors must be carefully selected to
ensure performance.
Thermal Considerations
It is important that the thermal limit of the package is
not exceeded. The
CYT6166 has built-in thermal
protection. When the thermal limit is exceeded,
the IC will enter protection, and VOUT will be pulled
to ground.
The power dissipation for a given
application can be calculated as following:
The power dissipation (PD) is
PD = IOUT * [VIN – VOUT]
The thermal limit of the package is then limited to
PD(MAX) = [TJ – TA]/ΘJA where TJ is the junction
temperature, TA is the ambient temperature, and
ΘJA is around 250°C/W for CYT6166. CYT6166 is
designed to enter thermal protection at 150°C. For
example, if TA is 25°C then the maximum PD is
limited to about 0.5W. In other words, if IOUT(MAX) =
150mA, then [VIN – VOUT] cannot exceed 3.33V.
Input Capacitor
An input capacitor of at least 2.2µF is required.
Ceramic or Tantalum can be used. The value can
be increase without upper limit.
Output Capacitor
An output capacitor is required for stability. It must
be placed no more than 1 cm away from the VOUT
pin, and connected directly between VOUT and GND
pins. The minimum value is 2.2µF but may be
increase without limit.


Similar Part No. - CYT6166BHG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167AHG ETC2-CYT6167AHG Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167AHN ETC2-CYT6167AHN Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167ALG ETC2-CYT6167ALG Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167ALN ETC2-CYT6167ALN Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
More results

Similar Description - CYT6166BHG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com