Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ2019 Datasheet(PDF) 1 Page - Sumida Corporation

Part No. PQ2019
Description  General Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

PQ2019 Datasheet(HTML) 1 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer<Pin Type: PQ Series>
Type: PQ2019/MS
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
MAX. 24.0
MAX. 19.5
5.0
6-2.5±0.2
5.0±0.2
4-3.8±0.2
P1
P6
MAX. 1.3
5.5±0.5
3
S
11
1
2
12
13
14
6
4
5
8
9
10
7
S
S
S
S
◆ Product Description
・25.0mm×24.0 Max.(L×W), 19.5 mm Max. (Height)
・In addition to the typical versions of parameters shown here,
custom designs are available to meet your exact requirements.
◆ Feature
・Max. Operating frequency 500kHz,Max. Operating power 50.0W(500kHz)
・Ideally used in Switching power supply etc.
・RoHs Compliance
◆ Dimensions (mm)
◆ Schematics (Bottom)
“S”indicates winding start.
◆ Specification
Sample No.
Inductance (3-4)
1kHz/1V
Inductance (7-14)
1kHz/1V
D.C.R.
(3-4)
D.C.R.
(7-14)
05MMS001
290μH±10%
5μH±10%
780mΩ Max.
9.6mΩ Max.


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CLQ7D37_06General Power Transformer 1 Sumida Corporation
CLQ102_06General Power Transformer 1 Sumida Corporation
CLQ52_06General Power Transformer 1 Sumida Corporation
CLQ72B_06General Power Transformer 1 Sumida Corporation
CM-5NGeneral Power Transformer 1 2 Sumida Corporation
CMD-6LNLGeneral Power Transformer 1 2 Sumida Corporation
CEEH135General Power TransformerType: CEEH Series> 1 Sumida Corporation
CMD-8NGeneral Power Transformer 1 2 Sumida Corporation
EE1916General Power Transformer < Pin Type:EE Series> 1 Sumida Corporation
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn