Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCR108DNP-470M Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCR108DNP-470M
Description  POWER INDUCTORS < Pin Type: RCR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCR108DNP-470M Datasheet(HTML) 1 Page - Sumida Corporation

  RCR108DNP-470M Datasheet HTML 1Page - Sumida Corporation RCR108DNP-470M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS < Pin Type: RCR Series>
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Type: RCR-108D
Product Description
10.5mm Max. φ, 8.5mm Max. Height.
Inductance range: 1.0μH~1.0mH
Rated Current Range: 0.28~9.15A
In addition to the standard versions of inductors shown here, custom inductors are available to
meet your exact requirements
Feature
Magnetically shielded construction.
Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding
machines, etc as Power Supplies’s Inductors or DC-DC Converter inductors.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
(1.0μH~8.2μH)
(10μH~1.0mH)
8.0±0.5
φ10.0±0.5
3.5
±1.0
4.0±0.3


Similar Part No. - RCR108DNP-470M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RCR100 TOKEN-RCR100 Datasheet
336Kb / 3P
   RCR Anti-Surge Resistors
RCR1000 TOKEN-RCR1000 Datasheet
336Kb / 3P
   RCR Anti-Surge Resistors
logo
KOA Speer Electronics, ...
RCR100C KOA-RCR100C Datasheet
96Kb / 2P
   anti-surge power type leaded resistor
logo
Sumida Corporation
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1010NP-100M SUMIDA-RCR1010NP-100M Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results

Similar Description - RCR108DNP-470M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1616 SUMIDA-RCR1616 Datasheet
157Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-875D SUMIDA-RCR-875D Datasheet
64Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com