Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCR108DNP-5R6N Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCR108DNP-5R6N
Description  POWER INDUCTORS < Pin Type: RCR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCR108DNP-5R6N Datasheet(HTML) 2 Page - Sumida Corporation

  RCR108DNP-5R6N Datasheet HTML 1Page - Sumida Corporation RCR108DNP-5R6N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS < Pin Type: RCR Series>
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Type: RCR-108D
Specification
Part Name
Stamp
Inductance
Within]
1
D.C.R.(Ω)
[Max.]
(at 20℃)
Rated
Current
(A)※2
S.R.F.
(MHz)
<Ref.>
RCR1Ø8DNP-1RØN
1R0N
1.0μH±30%
6.5m
9.15
61.5
RCR1Ø8DNP-1R5N
1R5N
1.5μH±30%
8.5m
7.40
48.0
RCR1Ø8DNP-2R2N
2R2N
2.2μH±30%
9.5m
6.05
38.0
RCR1Ø8DNP-3R3N
3R3N
3.3μH±30%
13.5m
4.90
32.0
RCR1Ø8DNP-4R3N
4R3N
4.3μH±30%
14.5m
4.25
26.5
RCR1Ø8DNP-5R6N
5R6N
5.6μH±30%
18.5m
3.65
23.0
RCR1Ø8DNP-6R8N
6R8N
6.8μH±30%
20.0m
3.40
20.0
RCR1Ø8DNP-8R2N
8R2N
8.2μH±30%
20.5m
3.00
18.5
RCR1Ø8DNP-1ØØM
100M
10μH±20%
50m
2.80
29.3
RCR1Ø8DNP-12ØM
120M
12μH±20%
60m
2.50
23.0
RCR1Ø8DNP-15ØM
150M
15μH±20%
70m
2.30
19.5
RCR1Ø8DNP-18ØM
180M
18μH±20%
80m
2.10
18.7
RCR1Ø8DNP-22ØM
220M
22μH±20%
90m
2.00
17.0
RCR1Ø8DNP-27ØM
270M
27μH±20%
0.10
1.76
14.5
RCR1Ø8DNP-33ØM
330M
33μH±20%
0.11
1.60
12.7
RCR1Ø8DNP-39ØM
390M
39μH±20%
0.12
1.38
11.6
RCR1Ø8DNP-47ØM
470M
47μH±20%
0.14
1.28
9.72
RCR1Ø8DNP-56ØL
560L
56μH±15%
0.15
1.20
8.91
RCR1Ø8DNP-68ØL
680L
68μH±15%
0.16
1.00
8.04
RCR1Ø8DNP-82ØL
820L
82μH±15%
0.18
0.96
7.70
RCR1Ø8DNP-1Ø1L
101L
100μH±15%
0.20
0.92
6.64
RCR1Ø8DNP-121L
121L
120μH±15%
0.24
0.80
5.84
RCR1Ø8DNP-151L
151L
150μH±15%
0.35
0.73
5.18
RCR1Ø8DNP-181L
181L
180μH±15%
0.40
0.64
4.83
RCR1Ø8DNP-221L
221L
220μH±15%
0.54
0.61
4.00
RCR1Ø8DNP-271L
271L
270μH±15%
0.76
0.56
3.63
RCR1Ø8DNP-331L
331L
330μH±15%
0.86
0.50
3.51
RCR1Ø8DNP-391L
391L
390μH±15%
0.93
0.44
3.28
RCR1Ø8DNP-471L
471L
470μH±15%
1.23
0.41
2.62
RCR1Ø8DNP-561L
561L
560μH±15%
1.34
0.38
2.46
RCR1Ø8DNP-681L
681L
680μH±15%
1.53
0.34
2.24
RCR1Ø8DNP-821L
821L
820μH±15%
2.10
0.32
2.06
RCR1Ø8DNP-1Ø2L
102L
1.0mH±15%
2.30
0.28
1.94
1 Measuring frequency
1.0μH~8.2μH
at 7.96MHz
10μH~1.0mH
at
1kHz
2 Rated current: The DC current at which the inductance decreases 90% of it’s initial value or when
t=40℃ whichever is lower(Ta=20℃).


Similar Part No. - RCR108DNP-5R6N

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RCR100 TOKEN-RCR100 Datasheet
336Kb / 3P
   RCR Anti-Surge Resistors
RCR1000 TOKEN-RCR1000 Datasheet
336Kb / 3P
   RCR Anti-Surge Resistors
logo
KOA Speer Electronics, ...
RCR100C KOA-RCR100C Datasheet
96Kb / 2P
   anti-surge power type leaded resistor
logo
Sumida Corporation
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1010NP-100M SUMIDA-RCR1010NP-100M Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results

Similar Description - RCR108DNP-5R6N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1616 SUMIDA-RCR1616 Datasheet
157Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-875D SUMIDA-RCR-875D Datasheet
64Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com