Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCP195DNP-182K Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCP195DNP-182K
Description  POWER INDUCTORS Type: RCP Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCP195DNP-182K Datasheet(HTML) 1 Page - Sumida Corporation

  RCP195DNP-182K Datasheet HTML 1Page - Sumida Corporation RCP195DNP-182K Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS <SMD Type: RCP Series>
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Type: RCP-195D
Product Description
10.5mm Maxφ. (L×W), 9.5mm Max.height
Inductance range: 10μH~47mH
Rated Current Range: 17mA~1.3A
Feature
Magnetically shielded construction.
Ideally Used in Printers, LCD TV, Copy Machine, Mainboard of the compounding machines, etc
as Power Supplies’s Inductors or DC-DC Converter inductors.
RoHS Compliance
Dimensions (mm)
Specification
Part No.
Stamp
Inductance
<Within>
※1
D.C.R(Ω)
<Max.>
(at 20℃)
Saturation
Current
(A) ※2
Temperature
rise current
(A)※3
RCP195DNP-1ØØM
100M
10μH ± 20%
0.03
1.3
2.3
RCP195DNP-12ØM
120M
12μH ± 20%
0.03
1.2
2.2
RCP195DNP-15ØM
150M
15μH ± 20%
0.03
1.0
2.1
RCP195DNP-18ØM
180M
18μH ± 20%
0.04
0.92
2.0
RCP195DNP-22ØM
220M
22μH ± 20%
0.04
0.85
1.9
RCP195DNP-27ØM
270M
27μH ± 20%
0.04
0.77
1.8
RCP195DNP-39ØK
390K
39μH ± 10%
0.06
0.66
1.4
RCP195DNP-47ØK
470K
47μH ± 10%
0.08
0.61
1.3
RCP195DNP-56ØK
560K
56μH ± 10%
0.08
0.59
1.2
RCP195DNP-68ØK
680K
68μH ± 10%
0.09
0.54
1.1
RCP195DNP-82ØK
820K
82μH ± 10%
0.10
0.49
1.0
MAX.9.5
5.0
±1.0
φ10.0±0.5


Similar Part No. - RCP195DNP-182K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCP105LNP-101K SUMIDA-RCP105LNP-101K Datasheet
29Kb / 3P
   POWER INDUCTORS
RCP105LNP-102K SUMIDA-RCP105LNP-102K Datasheet
29Kb / 3P
   POWER INDUCTORS
RCP105LNP-103K SUMIDA-RCP105LNP-103K Datasheet
29Kb / 3P
   POWER INDUCTORS
RCP105LNP-121K SUMIDA-RCP105LNP-121K Datasheet
29Kb / 3P
   POWER INDUCTORS
RCP105LNP-122K SUMIDA-RCP105LNP-122K Datasheet
29Kb / 3P
   POWER INDUCTORS
More results

Similar Description - RCP195DNP-182K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP-105 SUMIDA-RCP-105 Datasheet
29Kb / 3P
   POWER INDUCTORS
RCP-095 SUMIDA-RCP-095 Datasheet
222Kb / 5P
   POWER INDUCTORS < Pin Type: RCP Series >
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
   POWER INDUCTORS
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com