Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFB-3 Datasheet(PDF) 1 Page - Sumida Corporation

Part # PFB-3
Description  Filter Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

PFB-3 Datasheet(HTML) 1 Page - Sumida Corporation

  PFB-3 Datasheet HTML 1Page - Sumida Corporation PFB-3 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: PFB-3
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Filter Coils < Pin Type: PFB Series>
17.0 MAX.
3.5-0.5
13.0 MAX.
+1.0
10.2
7.0±0.2
Product Description
35.0×13.0mm Max.(L×W), 17.0mm Max. Height.
Operating frequency:10~200kHz
In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
Variable shielded type with three single coils combined.
Two capacitors can be internally mounted in one section.
Ideally used in VCR, Video Cameras as Audio LC filters(LPF, BPF, Delay Line and Equalizers).
RoHS Compliance.
Dimensions (mm)
Dimension does not include solder used on coil.
Pin pitch should be measured at the root of terminal.
Testing Circuit
E.V.
Rin
Rout


Similar Part No. - PFB-3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
PFB-04-1BK MOLEX4-PFB-04-1BK Datasheet
91Kb / 2P
   Perma-Fit??Heavy Wall Battery Cable Tubing, 10.16mm (.400
PFB-07-1BK MOLEX4-PFB-07-1BK Datasheet
91Kb / 2P
   Perma-Fit??Heavy Wall Battery Cable Tubing, 19.05mm (.750") Inside Diameter (AsSupplied), Black, 1.22m
PFB-07-1RD MOLEX4-PFB-07-1RD Datasheet
91Kb / 2P
   Perma-Fit??Heavy Wall Battery Cable Tubing, 19.05mm (.750") Inside DiameterAsSuppliedRed1.22m (4.0
PFB-15-1BK MOLEX4-PFB-15-1BK Datasheet
91Kb / 2P
   Perma-Fit??Heavy Wall Battery Cable Tubing
logo
Sumida Corporation
PFB-2 SUMIDA-PFB-2 Datasheet
155Kb / 2P
   Filter Coils
More results

Similar Description - PFB-3

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FB-7SG SUMIDA-FB-7SG Datasheet
113Kb / 3P
   Filter Coils
FB-9 SUMIDA-FB-9 Datasheet
81Kb / 2P
   Filter Coils
KM-10DB SUMIDA-KM-10DB Datasheet
167Kb / 4P
   Filter Coils
YS-2 SUMIDA-YS-2 Datasheet
113Kb / 3P
   Filter Coils
FB2-6G SUMIDA-FB2-6G Datasheet
111Kb / 2P
   Filter Coils
Y-5 SUMIDA-Y-5 Datasheet
110Kb / 3P
   Filter Coils
TFB-3LDG SUMIDA-TFB-3LDG Datasheet
211Kb / 3P
   Filter Coils
TFB-3D SUMIDA-TFB-3D Datasheet
111Kb / 2P
   Filter Coils
FB-875 SUMIDA-FB-875 Datasheet
90Kb / 3P
   FILTER COILS
FB-21 SUMIDA-FB-21 Datasheet
86Kb / 2P
   Filter Coils
HR-5T SUMIDA-HR-5T Datasheet
52Kb / 2P
   Filter Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com