Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-7LCM Datasheet(PDF) 1 Page - Sumida Corporation

Part # P-7LCM
Description  IFT COILS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-7LCM Datasheet(HTML) 1 Page - Sumida Corporation

  P-7LCM Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type: P-7LCM
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: P-7 Series>
Product Description
・8.1×8.1mm Max.(L×W), 8.0mm Max. Height.
・Inductance:1~680μH Max.
・Operating frequency:20MHz Max.
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
・Shielded fixed types.
・Ideally used in Radio ,TV. Transceiver
・RoHS Compliance
Dimensions(mm)
* Dimension does not include solder used on coil.
* Pin pitch shall be measured at the root of terminal.
* Dimension without tolerance are approx.
Connection (Bottom View)
Specification
(Part No. F09G-0010A)
“S” is winding start
Item
(1-3)
Measuring
Condition
Inductance
95μH±10% Within
796kHz
Unloaded Qu
65±20%
Within
796kHz
7.8±0.3
8.0 MAX.
3.0-0.5
4.5±0.2
8.0
3.3±0.3
+1.0
③④
S


Similar Part No. - P-7LCM

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
P-7LCMW SUMIDA-P-7LCMW Datasheet
44Kb / 2P
   IFT COILS< Pin Type:P-7 Series>
More results

Similar Description - P-7LCM

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com