Electronic Components Datasheet Search |
|
AOZ1210 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors |
|
AOZ1210 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors |
3 / 14 page AOZ1210 Rev. 1.3 December 2007 www.aosmd.com Page 3 of 14 Block Diagram Absolute Maximum Ratings Exceeding the Absolute Maximum Ratings may damage the device. Note: 1. Devices are inherently ESD sensitive, handling precautions are required. Human body model rating: 1.5k Ω in series with 100pF. Recommend Operating Ratings The device is not guaranteed to operate beyond the Maximum Operating Ratings. Note: 2. The value of Θ JA is measured with the device mounted on 1-in 2 FR-4 board with 2oz. Copper, in a still air environment with TA = 25°C. The value in any given application depends on the user's specific board design. 370kHz/24kHz Oscillator GND VIN EN VBIAS FB COMP LX BST OTP ILimit PWM Control Logic 5V LDO Regulator UVLO & POR +5V GM = 200 µA/V Softstart Reference & Bias 0.8V Q1 Q2 PWM Comp ISen EAmp 0.2V + – + – + – + – + Frequency Foldback Comparator Parameter Rating Supply Voltage (VIN) 30V LX to GND -0.7V to VIN+0.3V EN to GND -0.3V to VIN+0.3V FB to GND -0.3V to 6V COMP to GND -0.3V to 6V BST to GND VLX+6V VBIAS to GND -0.3V to 6V Junction Temperature (TJ) +150°C Storage Temperature (TS) -65°C to +150°C ESD Rating: Human Body Model(1) 2kV Parameter Rating Supply Voltage (VIN) 4.5V to 27V Output Voltage Range 0.8V to VIN Ambient Temperature (TA) -40°C to +85°C Package Thermal Resistance SO-8 ( Θ JA) (2) 105°C/W |
Similar Part No. - AOZ1210 |
|
Similar Description - AOZ1210 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |