Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCP105LNP-121K Datasheet(PDF) 3 Page - Sumida Corporation

Part # RCP105LNP-121K
Description  POWER INDUCTORS Type: RCP Series>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCP105LNP-121K Datasheet(HTML) 3 Page - Sumida Corporation

  RCP105LNP-121K Datasheet HTML 1Page - Sumida Corporation RCP105LNP-121K Datasheet HTML 2Page - Sumida Corporation RCP105LNP-121K Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <Pin Type: RCP Series>
Type: RCP-105, RCP-105L
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
◆ Specification( RCP-105L)
Part No.
Stamp
Inductance
[Within]
(at 1kHz)
Unloaded
Q [Min.]
(at100kHz)
D.C.R.(Ω)
[Max.]
(at 20℃)
Rated current
(mA)
[Ref.]※1
RCP1Ø5LNP-1Ø1K
101K
100µH±10%
30
0.20
420
RCP1Ø5LNP-121K
121K
120µH±10%
40
0.25
390
RCP1Ø5LNP-151K
151K
150µH±10%
45
0.30
340
RCP1Ø5LNP-181K
181K
180µH±10%
50
0.40
310
RCP1Ø5LNP-221K
221K
220µH±10%
50
0.45
280
RCP1Ø5LNP-271K
271K
270µH±10%
50
0.50
250
RCP1Ø5LNP-331K
331K
330µH±10%
60
0.70
230
RCP1Ø5LNP-391K
391K
390µH±10%
60
0.80
210
RCP1Ø5LNP-471K
471K
470µH±10%
75
0.90
190
RCP1Ø5LNP-561K
561K
560µH±10%
75
1.2
180
RCP1Ø5LNP-681K
681K
680µH±10%
80
1.3
160
RCP1Ø5LNP-821K
821K
820µH±10%
80
1.5
150
RCP1Ø5LNP-1Ø2K
102K
1.0mH±10%
80
2.0
130
RCP1Ø5LNP-122K
122K
1.2mH±10%
80
2.3
120
RCP1Ø5LNP-152K
152K
1.5mH±10%
80
3.1
110
RCP1Ø5LNP-182K
182K
1.8mH±10%
80
3.5
100
RCP1Ø5LNP-222K
222K
2.2mH±10%
80
4.1
90
RCP1Ø5LNP-272K
272K
2.7mH±10%
85
5.8
80
RCP1Ø5LNP-332K
332K
3.3mH±10%
85
6.6
70
RCP1Ø5LNP-392K
392K
3.9mH±10%
100
9.5
65
RCP1Ø5LNP-472K
472K
4.7mH±10%
100
11.0
60
RCP1Ø5LNP-562K
562K
5.6mH±10%
100
12.0
55
RCP1Ø5LNP-682K
682K
6.8mH±10%
100
14.0
50
RCP1Ø5LNP-822K
822K
8.2mH±10%
100
19.0
45
RCP1Ø5LNP-1Ø3K
103K
10mH±10%
100
22.0
40
RCP1Ø5LNP-123K
123K
12mH±10%
100
30.0
37
RCP1Ø5LNP-153K
153K
15mH±10%
100
35.0
33
RCP1Ø5LNP-183K
183K
18mH±10%
100
44.0
30
RCP1Ø5LNP-223K
223K
22mH±10%
100
50.0
28
RCP1Ø5LNP-273K
273K
27mH±10%
100
70.0
24
RCP1Ø5LNP-333K
333K
33mH±10%
80
80.0
22
RCP1Ø5LNP-393K
393K
39mH±10%
80
85.0
18
RCP1Ø5LNP-473K
473K
47mH±10%
80
100.0
14
※1 Rated current: The DC current at which the inductance decreases to 90% of it’s initial value or when
△t=40℃,whichever is lower(Ta=20℃).


Similar Part No. - RCP105LNP-121K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCP1206B VISHAY-RCP1206B Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
RCP1206W VISHAY-RCP1206W Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
logo
Sumida Corporation
RCP1317 SUMIDA-RCP1317 Datasheet
52Kb / 4P
   RCP1317
RCP1317 SUMIDA-RCP1317 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP1317NP-101M SUMIDA-RCP1317NP-101M Datasheet
52Kb / 4P
   RCP1317
More results

Similar Description - RCP105LNP-121K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP-095 SUMIDA-RCP-095 Datasheet
222Kb / 5P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com