Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH654NP-681K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH654NP-681K
Description  Power Inductor< Pin Type :RCH Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH654NP-681K Datasheet(HTML) 2 Page - Sumida Corporation

  RCH654NP-681K Datasheet HTML 1Page - Sumida Corporation RCH654NP-681K Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor< Pin Type :RCH Series>
Type: RCH-654
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part Name
Stamp
Inductance
[Within] (μH)
1
D.C.R.
(mΩ)[Max.]
at 20℃
Rated
Current
(mA)※2
RCH654NP-1RØM
1R0M
1.0±20%
29
3000
RCH654NP-1R5M
1R5M
1.5±20%
34
2850
RCH654NP-2RØM
2R0M
2.0±20%
39
2480
RCH654NP-2R5M
2R5M
2.5±20%
43
2210
RCH654NP-3R3M
3R3M
3.3±20%
48
1980
RCH654NP-3R9M
3R9M
3.9±20%
55
1830
RCH654NP-4R7M
4R7M
4.7±20%
60
1740
RCH654NP-5R6M
5R6M
5.6±20%
66
1530
RCH654NP-6R2M
6R2M
6.2±20%
72
1440
RCH654NP-7R2M
7R2M
7.2±20%
78
1350
RCH654NP-8R2M
8R2M
8.2±20%
85
1260
RCH654NP-1ØØM
100M
10±20%
91
1200
RCH654NP-12ØM
120M
12±10%
100
1050
RCH654NP-15ØM
150M
15±10%
120
980
RCH654NP-18ØM
180M
18±10%
130
930
RCH654NP-22ØK
220K
22±10%
180
900
RCH654NP-27ØK
270K
27±10%
210
810
RCH654NP-33ØK
330K
33±10%
270
740
RCH654NP-39ØK
390K
39±10%
290
680
RCH654NP-47ØK
470K
47±10%
340
620
RCH654NP-56ØK
560K
56±10%
420
570
RCH654NP-68ØK
680K
68±10%
480
510
RCH654NP-82ØK
820K
82±10%
550
470
RCH654NP-1Ø1K
101K
100±10%
680
420
RCH654NP-121K
121K
120±10%
770
390
RCH654NP-151K
151K
150±10%
950
350
RCH654NP-181K
181K
180±10%
1150
320
RCH654NP-221K
221K
220±10%
1300
290
RCH654NP-271K
271K
270±10%
1550
260
RCH654NP-331K
331K
330±10%
2180
230
RCH654NP-391K
391K
390±10%
2470
210
RCH654NP-471K
471K
470±10%
2920
200
RCH654NP-561K
561K
560±10%
3970
180
RCH654NP-681K
681K
680±10%
4570
160
RCH654NP-821K
821K
820±10%
5280
150
RCH654NP-1Ø2K
102K
1000±10%
7060
130
1:Measuring Frequency
1.0μH ~ 8.2μH
at
7.96MHz
10μH ~ 82μH
at
2.52MHz
100μH ~1000μH
at
1 kHz
2:
Rated current: The DC current at which the inductance decreases 90% of it’s initial value or when
t=40
△℃
, whichever is lower(Ta=20 )


Similar Part No. - RCH654NP-681K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH654NP-681K SUMIDA-RCH654NP-681K Datasheet
277Kb / 6P
   PIN Power Inductor
More results

Similar Description - RCH654NP-681K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com