Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP4LBMNP-330M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CP4LBMNP-330M
Description  IFT Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CP4LBMNP-330M Datasheet(HTML) 2 Page - Sumida Corporation

  CP4LBMNP-330M Datasheet HTML 1Page - Sumida Corporation CP4LBMNP-330M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CP-4LBM
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT Coils < SMD Type: CP Series>
Specification
NO.
Part No.
Stamp
Inductance
(at 1kHz)
<Within>
Rated Current
(mA)
D.C.R. (Ω)
<Max.>
(at 2℃)
01
CP4LBMNP-1ØØM
100
10μH ± 20 %
360
0.90
02
CP4LBMNP-12ØM
120
12μH ± 20 %
335
1.00
03
CP4LBMNP-15ØM
150
15μH ± 20 %
305
1.10
04
CP4LBMNP-18ØM
180
18μH ± 20 %
280
1.30
05
CP4LBMNP-22ØM
220
22μH ± 20 %
275
1.50
06
CP4LBMNP-27ØM
270
27μH ± 20 %
255
1.60
07
CP4LBMNP-33ØM
330
33μH ± 20 %
245
1.80
08
CP4LBMNP-39ØM
390
39μH ± 20 %
225
2.00
09
CP4LBMNP-47ØM
470
47μH ± 20 %
220
2.20
10
CP4LBMNP-56ØM
560
56μH ± 20 %
210
2.50
11
CP4LBMNP-68ØM
680
68μH ± 20 %
185
3.00
12
CP4LBMNP-82ØM
820
82μH ± 20 %
165
3.60
13
CP4LBMNP-1Ø1M
101
100μH ± 20 %
130
6.40
14
CP4LBMNP-121M
121
120μH ± 20 %
120
7.70
15
CP4LBMNP-151M
151
150μH ± 20 %
115
8.70
16
CP4LBMNP-181M
181
180μH ± 20 %
110
9.50
17
CP4LBMNP-221M
221
220μH ± 20 %
100
10.50
18
CP4LBMNP-271M
271
270μH ± 20 %
95
12.20
19
CP4LBMNP-331M
331
330μH ± 20 %
85
14.00
20
CP4LBMNP-391M
391
390μH ± 20 %
75
16.10
21
CP4LBMNP-471M
471
470μH ± 20 %
70
19.60
22
CP4LBMNP-561M
561
560μH ± 20 %
60
22.00
Rated current: The DC current at which the inductance decreases by 90% of its initial value or
or when △t=40℃, whichever is lower(Ta=20℃).


Similar Part No. - CP4LBMNP-330M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CP4L2-150 SUMIDA-CP4L2-150 Datasheet
158Kb / 1P
   IFT Coils < SMD Type: CP Series>
CP4L2-4R8 SUMIDA-CP4L2-4R8 Datasheet
158Kb / 1P
   IFT Coils < SMD Type: CP Series>
CP4L2-6R8 SUMIDA-CP4L2-6R8 Datasheet
158Kb / 1P
   IFT Coils < SMD Type: CP Series>
More results

Similar Description - CP4LBMNP-330M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com