Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH8011NP-270L Datasheet(PDF) 3 Page - Sumida Corporation

Part # RCH8011NP-270L
Description  Power Inductor< PIN Type : RCH Series>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH8011NP-270L Datasheet(HTML) 3 Page - Sumida Corporation

  RCH8011NP-270L Datasheet HTML 1Page - Sumida Corporation RCH8011NP-270L Datasheet HTML 2Page - Sumida Corporation RCH8011NP-270L Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Inductor< PIN Type : RCH Series>
Type: RCH8011, RCH8011B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Specification(RCH8011B)
1: Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
2: Temperature rise current: The DC current at which the temperature rise is
t
△ =
40 .(Ta
20 ).
Saturation current
(A)※1
Part Name
Stamp
Inductance
Within]
100 kHz/1V
D.C.R.(mΩ)
[Max.] (Typ.)
(at 20℃)
(at20℃) (at100℃)
Temperature
rise current
(A)※2
Pin
(mm)
A
RCH8Ø11BNP-1RØN
1R0
1.0μH±30%
7.8(6.2)
12.5
11.0
9.5
0.65±0.1
RCH8Ø11BNP-2R2N
2R2
2.2μH±30%
9.3(7.4)
9.50
7.50
7.5
0.65±0.1
RCH8Ø11BNP-3R3N
3R3
3.3μH±30%
11.8(9.3)
8.00
6.00
7.0
0.65±0.1
RCH8Ø11BNP-4R7N
4R7
4.7μH±30%
13.9(11.1)
5.60
4.20
6.3
0.65±0.1
RCH8Ø11BNP-5R6N
5R6
5.6μH±30%
15.1(12.1)
5.40
4.00
6.2
0.65±0.1
RCH8Ø11BNP-6R8N
6R8
6.8μH±30%
16.5(13.2)
5.20
3.90
6.1
0.65±0.1
RCH8Ø11BNP-8R2N
8R2
8.2μH±30%
19.0(15.2)
5.00
3.50
5.5
0.65±0.1


Similar Part No. - RCH8011NP-270L

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH8011NP-270L SUMIDA-RCH8011NP-270L Datasheet
238Kb / 5P
   PIN Power Inductor
More results

Similar Description - RCH8011NP-270L

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com