Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BPI-3C1-03 Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part No. BPI-3C1-03
Description  Non-contact switching For direct pc board or dual-in-line socket mounting.
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BPI-3C1-03 Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BPI-3C1-03 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BPI-3C1-03 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BPI-3C1-03 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BPI-3C1-03 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BPI-3C1-03 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BP
PII--3
3C
C1
1--0
03
3
SINCE 1981
● Absolute Maximum Rating (Ta=25℃)
Item
Symbol
Rating
Unit
Power Dissipation
Pd
75
mW
Reverse Voltage
VR
5
V
Forward Current
IF
50
mA
Input
Peak Forward Current
(*1)
IFP
1
A
Collector Power Dissipation
PC
100
mW
Collector Current
IC
20
mA
C-E Voltage
VCEO
30
V
Output
E-C Voltage
VECO
5
V
Operating Temperature
Topr
-25 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Soldering Temperature
(*2)
Tsol
260
(*1) tw=100 uSec.、T=10 mSec.
(*2) t=5 Sec
● Electrical Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
1.2
1.5
V
Reverse Current
IR
VR=5V
100
μA
Input
Peak Wavelength
λp
IF=20mA
940
nm
Dark Current
ID
VCE=10V
2
200
nA
Output
C-E Saturation Voltage
VCE(sat)
IC=0.25mA
IF=210mA
0.4
V
Light Current
IL
VCE=5V
IF=10mA
0.5
5.0
mA
Rise Time
Tr
20
μsec
Speed
Fall Time
Tf
IFP=20mA
VCE=5V
RL=1000Ω
20
μsec
REV:1.0
Page 3 of 6


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn