Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCM-2M3216-121 Datasheet(PDF) 1 Page - Sumida Corporation

Part # SCM-2M3216-121
Description  Multilayer Chip Common Mode Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCM-2M3216-121 Datasheet(HTML) 1 Page - Sumida Corporation

  SCM-2M3216-121 Datasheet HTML 1Page - Sumida Corporation SCM-2M3216-121 Datasheet HTML 2Page - Sumida Corporation SCM-2M3216-121 Datasheet HTML 3Page - Sumida Corporation SCM-2M3216-121 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE
Multilayer Chip Common Mode Filter
——
SCM-3216
1/4
*All specifications are subject to change without notice.
SCM-4□ series
SCM-2□ series
Features
1. Effective for suppressing common mode noise at high frequencies.
2. Compact design.
3. Excellent solderability characteristics.
4. Lead Free (RoHS Compliance)
Applications
1. Noise suppression in digital bus line equipment
2. IEEE1394a HUB & IEEE1394a control lines.
3. USB host controller & USB, HUB control lines
4. LVDS, panel link line for liquid crystal display panels.
Ordering Information
SCM -
2
M
3216
-
471
J
T
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Shape and Dimensions
(1) Series
SCM : Electrode directed in vertical line
(2) Pole type
2 : 2 Line (Single)
4 : 4 Line (Double)
(5) Common mode impedance (at 100MHz)
First two digits are significant.
Last digits is the number of zeros following
(3) Material & Design
M : General Signal line
Y,S: High speed differential signal line
(6) Termination
J : Nickel barrier
(4) Dimension
First two digits : length(mm)
Last two digits : width(mm)
(7) Packaging
B : Bulk Packing
T : Tape & Reel (Φ 178mm [ 7inches])
L : Tape & Reel (Φ 254mm [10inches])
unit : mm〔inches〕
Type
L
W
T
C1
C2
D
M
3.2±0.2
1.6±0.2
1.3±0.1
0.7±0.2
0.3±0.2
2.1±0.2
0.20±0.1
SCM-2 3216-
[.126±.008]
[.063±.008]
[.051±.004]
[.028±.008]
[.012±.008]
[.083±.008]
[.008±.004]
3.2±0.2
1.6±0.2
1.3±0.1
0.4±0.2
0.3±0.2
0.80±0.1
0.20±0.1
SCM-4 3216-
[.126±.008]
[.063±.008]
[.051±.004]
[.016±.008]
[.012±.008]
[.031±.004]
[.008±.004]
SCM ; Vertical Design
SCM - series


Similar Part No. - SCM-2M3216-121

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCM-2M2012-471JB SUMIDA-SCM-2M2012-471JB Datasheet
439Kb / 4P
   Multilayer Chip Common Mode Filter
SCM-2M2012-471JL SUMIDA-SCM-2M2012-471JL Datasheet
439Kb / 4P
   Multilayer Chip Common Mode Filter
SCM-2M2012-471JT SUMIDA-SCM-2M2012-471JT Datasheet
439Kb / 4P
   Multilayer Chip Common Mode Filter
More results

Similar Description - SCM-2M3216-121

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCL-2M2012-700JT SUMIDA-SCL-2M2012-700JT Datasheet
410Kb / 3P
   Multilayer Chip Common Mode Filter
SCM-2012 SUMIDA-SCM-2012 Datasheet
439Kb / 4P
   Multilayer Chip Common Mode Filter
logo
List of Unclassifed Man...
CMF ETC2-CMF Datasheet
232Kb / 4P
   SMD Multilayer Common Mode Filter
logo
AVX Corporation
LCCM AVX-LCCM Datasheet
298Kb / 6P
   LCCM Series ??Chip Common Mode Filter
logo
Abracon Corporation
ACCC-0805 ABRACON-ACCC-0805 Datasheet
243Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACCC-1206 ABRACON-ACCC-1206 Datasheet
242Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
   Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
   Common Mode Filter
June, 2014 ??Rev. 0
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
   Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
   Common Mode Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com