Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC875XNP-561K Datasheet(PDF) 1 Page - Sumida Corporation

Part # RC875XNP-561K
Description  POWER INDUCTORS < Pin Type: RC Series>
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RC875XNP-561K Datasheet(HTML) 1 Page - Sumida Corporation

  RC875XNP-561K Datasheet HTML 1Page - Sumida Corporation RC875XNP-561K Datasheet HTML 2Page - Sumida Corporation RC875XNP-561K Datasheet HTML 3Page - Sumida Corporation RC875XNP-561K Datasheet HTML 4Page - Sumida Corporation RC875XNP-561K Datasheet HTML 5Page - Sumida Corporation RC875XNP-561K Datasheet HTML 6Page - Sumida Corporation RC875XNP-561K Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER INDUCTORS < Pin Type: RC Series>
Type:RC-875/35, RC-875/50, RC-875/75, RC-875X
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/7
◆ Product Description
・8.3×7.5mm Max. (L×W), 11.5mm Max. height (RC-875/35,RC-875/50,RC-875/75)
・8.3×7.3mm Max. (L×W), 11.8mm Max. height (RC-875X)
・Inductance Range: 100μH∼47mH
・Rated Current Range :10∼400mA
◆ Feature
・Magnetically unshielded construction.
・Ideally Used in Printers, LCD TV, Copy Machine, Mainboard of the compounding machines ,Adapters, etc
as Power Supplies’s inductors or DC-DC Converter inductors.
・RoHS Compliance
◆ Dimensions (mm)
RC-875/35,
RC-875/50,
RC-875/75
Dimension:
RC-875X
+1.0
RC-875/35
3.5
-0.5
+1.0
RC-875/50
5.0
-0.5
+1.0
RC-875/75
7.5
-0.5
11.0±0.5
7.2±0.3
11.3 ±0.5
4. 8
+1.0
-0.5
7.0±0.3
2.1


Similar Part No. - RC875XNP-561K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC875XNP-561K SUMIDA-RC875XNP-561K Datasheet
183Kb / 2P
   Power Inductor Pin Type:
More results

Similar Description - RC875XNP-561K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RC-865 SUMIDA-RC-865 Datasheet
63Kb / 2P
   Power Inductor< Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com