Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC855NP-1R6M Datasheet(PDF) 4 Page - Sumida Corporation

Part # RC855NP-1R6M
Description  POWER INDUCTORS < Pin Type: RC Series>
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RC855NP-1R6M Datasheet(HTML) 4 Page - Sumida Corporation

  RC855NP-1R6M Datasheet HTML 1Page - Sumida Corporation RC855NP-1R6M Datasheet HTML 2Page - Sumida Corporation RC855NP-1R6M Datasheet HTML 3Page - Sumida Corporation RC855NP-1R6M Datasheet HTML 4Page - Sumida Corporation RC855NP-1R6M Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
POWER INDUCTORS < Pin Type: RC Series>
Type:RC-855
Please refer to the sales offices on our website for a representative near you
www.sumida.com
4/5
◆ Specification-3
Part Name
Stamp
Inductance
[Within]
※1
Qu
[Min.]
※1
Rated
current
(mA)※2
D.C.R.(Ω)
[Max.]
(at 20℃)
S.R.F.
(MHz)
[Min.]
RC855NP-1ØØJ
100J
10μH ± 5%
65
150
0.4
26.6
RC855NP-12ØJ
120J
12μH ± 5%
60
150
0.4
23.8
RC855NP-15ØJ
150J
15μH ± 5%
55
150
0.4
19.6
RC855NP-27ØJ
270J
27μH ± 5%
45
150
0.6
16.0
RC855NP-33ØJ
330J
33μH ± 5%
45
150
0.6
15.0
RC855NP-39ØJ
390J
39μH ± 5%
40
150
0.7
14.0
RC855NP-47ØJ
470J
47μH ± 5%
45
150
0.9
8.4
RC855NP-56ØJ
560J
56μH ± 5%
45
150
1.0
8.1
RC855NP-68ØJ
680J
68μH ± 5%
45
150
1.1
7.7
RC855NP-82ØJ
820J
82μH ± 5%
40
150
1.2
6.8
RC855NP-1Ø1J
101J
100μH ± 5%
55
100
1.5
8.6
RC855NP-121J
121J
120μH ± 5%
55
100
1.6
7.7
RC855NP-151J
151J
150μH ± 5%
50
100
1.8
7.0
RC855NP-181J
181J
180μH ± 5%
45
100
2.1
6.2
RC855NP-221J
221J
220μH ± 5%
60
100
2.3
4.9
RC855NP-271J
271J
270μH ± 5%
55
100
2.6
4.5
RC855NP-331J
331J
330μH ± 5%
55
100
2.9
3.7
RC855NP-391J
391J
390μH ± 5%
50
100
3.2
3.5
RC855NP-471J
471J
470μH ± 5%
60
80
4.3
3.2
RC855NP-561J
561J
560μH ± 5%
65
80
4.5
2.9
RC855NP-681J
681J
680μH ± 5%
60
65
6.1
2.4
RC855NP-821J
821J
820μH ± 5%
60
65
6.8
2.2
RC855NP-1Ø2J
102J
1mH ± 5%
65
65
8.4
2.0
※1 Measuring frequency
Inductance, Qu
10μH ∼ 82μH ;
2.52 MHz
100μH ∼ 820μH ;
796 kHz
1 mH
252 kHz
※2 Rated current: The DC current at which the inductance decreases 90% of it’s initial value or when
t=40
△℃,
whichever is lower(Ta=20
)
℃ .


Similar Part No. - RC855NP-1R6M

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RC80 EDI-RC80 Datasheet
40Kb / 2P
   FAST RECOVERY 200 NANOSECOND SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
RC8005 CHONGQING-RC8005 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
RC801 CHONGQING-RC801 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
RC802 CHONGQING-RC802 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
RC804 CHONGQING-RC804 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - RC855NP-1R6M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC-87535 SUMIDA-RC-87535 Datasheet
63Kb / 7P
   POWER INDUCTORS < Pin Type: RC Series>
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RC-865 SUMIDA-RC-865 Datasheet
63Kb / 2P
   Power Inductor< Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com