Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC865NP-682K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RC865NP-682K
Description  Power Inductor< Pin Type: RC Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RC865NP-682K Datasheet(HTML) 2 Page - Sumida Corporation

  RC865NP-682K Datasheet HTML 1Page - Sumida Corporation RC865NP-682K Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor< Pin Type: RC Series>
Type: RC-865
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
Part Name
Stamp
Inductance
[Within]
1
Qu
[Min.]
1
D.C.R.(Ω)
[Max.]
(at 20℃)
Saturation current
(mA)[Ref.]
2
RC865NP-1Ø1K
101K
100μH ± 10%
25
0.65
450
RC865NP-121K
121K
120μH ± 10%
25
0.80
390
RC865NP-151K
151K
150μH ± 10%
35
1.1
360
RC865NP-181K
181K
180μH ± 10%
35
1.3
330
RC865NP-221K
221K
220μH ± 10%
35
1.5
300
RC865NP-271K
271K
270μH ± 10%
35
2.1
260
RC865NP-331K
331K
330μH ± 10%
35
2.6
240
RC865NP-391K
391K
390μH ± 10%
35
3.0
210
RC865NP-471K
471K
470μH ± 10%
40
3.8
200
RC865NP-561K
561K
560μH ± 10%
40
4.2
180
RC865NP-681K
681K
680μH ± 10%
40
5.3
160
RC865NP-821K
821K
820μH ± 10%
40
5.9
140
RC865NP-1Ø2K
102K
1.0mH ± 10%
40
8.6
130
RC865NP-122K
122K
1.2mH ± 10%
40
9.8
120
RC865NP-152K
152K
1.5mH ± 10%
45
11.0
110
RC865NP-182K
182K
1.8mH ± 10%
45
13.0
100
RC865NP-222K
222K
2.2mH ± 10%
45
15.0
90
RC865NP-272K
272K
2.7mH ± 10%
45
18.0
80
RC865NP-332K
332K
3.3mH ± 10%
50
24.0
75
RC865NP-392K
392K
3.9mH ± 10%
50
27.0
65
RC865NP-472K
472K
4.7mH ± 10%
45
40.0
60
RC865NP-562K
562K
5.6mH ± 10%
45
52.0
55
RC865NP-682K
682K
6.8mH ± 10%
45
61.0
50
RC865NP-822K
822K
8.2mH ± 10%
45
70.0
45
RC865NP-1Ø3K
103K
10mH ± 10%
45
86.0
40
1.Measuring frequency :L: 1 kHz; Qu : 100 kHz
2.
Saturation current: The DC current at which the inductance decreases to 95% of it’s initial value.


Similar Part No. - RC865NP-682K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
RC8650L ETC-RC8650L Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
More results

Similar Description - RC865NP-682K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC-87535 SUMIDA-RC-87535 Datasheet
63Kb / 7P
   POWER INDUCTORS < Pin Type: RC Series>
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
DEPI1615 SUMIDA-DEPI1615 Datasheet
97Kb / 2P
   Power Inductor< Pin Type: DEPI Series>
DEP129ME SUMIDA-DEP129ME Datasheet
167Kb / 1P
   Power Inductor< Pin Type: DEP Series>
RCH109 SUMIDA-RCH109 Datasheet
70Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-664 SUMIDA-RCH-664 Datasheet
167Kb / 2P
   Power Inductor< Pin Type: RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com