Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BL-XX1361-TR7 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part No. BL-XX1361-TR7
Description  AXIAL TYPE LED LAMPS SPECIFICATION
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo 

BL-XX1361-TR7 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
    
  
    
  








 
       !"    #

  
 
   
  

!"
 "

# $
%! 
&  

 
% 
&  
"
& 

   

#"
%


# $
 '() )  '()
 *
 
+,
" 
-. 
/01
/23/
%   4 +
4
+
) )0 1) //)
4/
 $ *   5  *      (      ()
675&8'9 8:' :.7';/
 !    <<<<<<<<<<<<<<<))<<<<<<<<<<<<)<))<<<<<<<<<)</
 !     ;/<<<<<<<<<<<<<<<<<)<<<<<<<<<<<<<<<<))+=
5   '       <<<<<<<<<<<<<<<<<))<<<)<<<<<))<< / 1
7   '       <<<<<<<<<<<<<<<<<<<<<<<<<<))<< 4 1/
& "7" '    <<<<<<<<<<<<))<<<<<))<<<<<<<<<0/7 "
#>. :7 5:7















:5'7?+)"    )
 )'   )/)+@    *   ")
 4)& "   "*     "     $ )
 A)7    B    *    )



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BL-XG0361AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XG0361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-XG0361-TR8AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XG0361-TR9AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XG6361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XG6361-TR9AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XGE361-TR9AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XJB361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XJB361-TR9AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XD0361SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn