Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC855NP-470K Datasheet(PDF) 5 Page - Sumida Corporation

Part # RC855NP-470K
Description  POWER INDUCTORS < Pin Type: RC Series>
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RC855NP-470K Datasheet(HTML) 5 Page - Sumida Corporation

  RC855NP-470K Datasheet HTML 1Page - Sumida Corporation RC855NP-470K Datasheet HTML 2Page - Sumida Corporation RC855NP-470K Datasheet HTML 3Page - Sumida Corporation RC855NP-470K Datasheet HTML 4Page - Sumida Corporation RC855NP-470K Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
POWER INDUCTORS < Pin Type: RC Series>
Type:RC-855
Please refer to the sales offices on our website for a representative near you
www.sumida.com
5/5
◆ Specification-4
Part Name
Stamp
Inductance
[Within]
※1
Qu
[Min.]
※1
S.R.F.
(MHz) [Min.]
D.C.R.(Ω)
[Max.]
(at 20℃)
Rated
Current
(mA)
※2
RC855NP-1R8M-F
1R8M
1.8μH ± 20%
90
70
0.2
180
RC855NP-2R2M-F
2R2M
2.2μH ± 20%
100
67
0.2
180
RC855NP-2R7M-F
2R7M
2.7μH ± 20%
95
50
0.2
150
RC855NP-3R3M-F
3R3M
3.3μH ± 20%
95
44
0.3
100
RC855NP-3R9K-F
3R9K
3.9μH ± 10%
95
40
0.4
100
RC855NP-4R7K-F
4R7K
4.7μH ± 10%
110
36
0.4
100
RC855NP-5R6K-F
5R6K
5.6μH ± 10%
105
34
0.6
80
RC855NP-6R8K-F
6R8K
6.8μH ± 10%
110
30
0.6
80
RC855NP-8R2K-F
8R2K
8.2μH ± 10%
110
26
0.7
80
※1 Measuring frequency:7.96 MHz
※2 Rated current: The DC current at which the inductance decreases 90% of it’s initial value or when △t=40℃,
whichever is lower(Ta=20℃).


Similar Part No. - RC855NP-470K

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RC80 EDI-RC80 Datasheet
40Kb / 2P
   FAST RECOVERY 200 NANOSECOND SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
RC8005 CHONGQING-RC8005 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
RC801 CHONGQING-RC801 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
RC802 CHONGQING-RC802 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
RC804 CHONGQING-RC804 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - RC855NP-470K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC-87535 SUMIDA-RC-87535 Datasheet
63Kb / 7P
   POWER INDUCTORS < Pin Type: RC Series>
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RC-865 SUMIDA-RC-865 Datasheet
63Kb / 2P
   Power Inductor< Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com