Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-XKB361-TR9 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part No. BL-XKB361-TR9
Description  AXIAL TYPE LED LAMPS SPECIFICATION
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo 

BL-XKB361-TR9 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BRIGHT LED ELECTRONICS CORP.
LED LAMPS SPECIFICATION
●COMMODITY:AXIAL TYPE LAMP
●DEVICE NUMBER:BL-XKB361-F9
PAGE:
2
●ELECTRICAL AND OPTICAL CHARACTERISTICS (Ta=25℃)
REVISION:
1.1
Chip
Absolute Maximun
Rating
Electro-optical
Data (At 20mA)
Vf(V)
Iv(mcd)
Emitted
Color
Peak
Wave
Length
λp (nm)
Dominant
Want
Length
λd(nm)
Lens
Appearance Δλ
(nm)
Pd
(mW)
If
(mA)
Peak
If(mA) Typ. Max. Min Typ.
Viewing
Angle
2θ1/2
(deg)
Super Yellow
590
587±5
Water Clear
15
75
30
100
2.1
2.6
94.0 200.0
35
Remark:1. Viewing angle is the Off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. This product doesn’t contain restriction Substance, comply ROHS standard.
●ABSOLUTE MAXIMUN RATINGS (Ta=25℃)
Reverse Voltage ………………………………………..……………………………….…..……………………….… 5V
Reverse Current (VR=5V) …………………………………………….………………………………………….. 100µA
Operating Temperature Range ……………………………………………..……….……………..…… -25℃ ~ 80℃
Storage Temperature Range ……………………………………………………………………..…… -30℃ ~ 85℃
●PACKAGE DIMENSIONS
NOTES: 1.All dimensions are in millimeters (inches).
2.Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3.Lead spacing is measured where the leads emerge from the package.
4.Specifications are subject to change without notice.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BL-XG0361AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XG0361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-XG0361-TR8AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XG0361-TR9AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XG6361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XG6361-TR9AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XGE361-TR9AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XJB361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XJB361-TR9AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XD0361SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn