Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFI-B3216-392 Datasheet(PDF) 1 Page - Sumida Corporation

Part # SFI-B3216-392
Description  Multilayer Chip Ferrite Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SFI-B3216-392 Datasheet(HTML) 1 Page - Sumida Corporation

  SFI-B3216-392 Datasheet HTML 1Page - Sumida Corporation SFI-B3216-392 Datasheet HTML 2Page - Sumida Corporation SFI-B3216-392 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE
Multilayer Chip Ferrite Inductors
——
SFI-3216
1
/2
*All specifications are subject to change without notice.
Features
1. Ideal for high density surface mount applications as magnetic shield eliminates crosstalk.
2. Highly reliable in wide temperature and humidity range. Superior Q characteristics in wide frequency.
3. Terminal electrode has excellent solder heat resistance.
4. Lead Free (RoHS compliance).
Applications
1. Prevention of electromagnetic interference to signals on the secondary side of electronic equipment.
2. Noise Suppression in HDTV, Portable device , computers and peripheral devices.
Ordering Information
SFI - C
3216 - 153 - K
J
T
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) Series
(2) Material & Design
(5) Tolerance
K : ±10%
M: ±20%
(3) Dimensions
The first two digits : length(㎜)
The last two digits : width(㎜)
(6) Termination
J : Nickel barrier
(4) Inductance
First two digits are values.
Last digit is the number of zeros following.
Packing
B : Bulk Packing
T : Tape & Reel (Φ 178㎜ [ 7inches])
L : Tape & Reel (Φ 254㎜ [10inches])
Shape and Dimensions
Unit : mm [inches]
Type
L
W
T
C
SFI-□3216
3.2±0.2
1.6±0.2
1.3±0.2
0.50±0.30
[.126±.008] [.063±.008] [.051±.008] [.020±.012]
L
T
C
W


Similar Part No. - SFI-B3216-392

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SFI-B1608-102 SUMIDA-SFI-B1608-102 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-B1608-122 SUMIDA-SFI-B1608-122 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-B1608-152 SUMIDA-SFI-B1608-152 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-B1608-182 SUMIDA-SFI-B1608-182 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-B1608-222 SUMIDA-SFI-B1608-222 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
More results

Similar Description - SFI-B3216-392

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SFI-A1608-270 SUMIDA-SFI-A1608-270 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
logo
Abracon Corporation
AIML-0805-R33K-T ABRACON-AIML-0805-R33K-T Datasheet
542Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTORS
01.11.11
AIML-0805 ABRACON-AIML-0805 Datasheet
68Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTORS
logo
Sumida Corporation
SFI-A2012-470 SUMIDA-SFI-A2012-470 Datasheet
383Kb / 3P
   Multilayer Chip Ferrite Inductors
logo
Token Electronics Indus...
TRMI160808 TOKEN-TRMI160808 Datasheet
410Kb / 8P
   TRMI Chip Multilayer Ferrite Inductors
logo
Frontier Electronics.
FL160808 FRONTIER-FL160808_15 Datasheet
119Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MLI1206-R10-MBW RCD-MLI1206-R10-MBW Datasheet
62Kb / 1P
   MULTILAYER SHIELDED FERRITE CHIP INDUCTORS
logo
Frontier Electronics.
FL201209 FRONTIER-FL201209_15 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201212 FRONTIER-FL201212_15 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
Superworld Electronics
L2-47N-10 SUPERWORLD-L2-47N-10 Datasheet
250Kb / 7P
   FERRITE CHIP INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com