Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-XG6361-TR7 Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part No. BL-XG6361-TR7
Description  AXIAL TYPE LED LAMPS SPECIFICATION
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-XG6361-TR7 Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BL-XG6361-TR7 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-XG6361-TR7 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-XG6361-TR7 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-XG6361-TR7 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-XG6361-TR7 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
    
    



  
    
 
 
  
  !
 ""#
$    %
  &'  &  ( )
(*     
  (+'
, 
-.'  
-.' -/
.
   #%
$    %
(0!
-(1212
  (+'
, 
-.'  
.
 ""#"
$    %
-.' (0"
  (+'
, 
3

&  
.
$  % & (#
  (+'
, 
  /.    
 
 ""#
$    )4
# 5 0  5 0" 5 0 
!  ! 
  (/
, 
'  '6
   
 
 ""#
0" 5 #
 
  (/
, 
37 

   
    )
  #
$    )
8 ' .
4!+&'  9
  ' .
#:;9<+&'   9:;9<
, 
$*=3>  3) ? ?)*3 ? -3 3)% @
 .  
/A
 . 
$.      
?& 7.
B? : B<
?( )
7  *;9
 7   
:)<
B(B
7  *;
  /
B :  <
?( )
% & C9
>  9*   '       ' 9     7 9
9   ' A 6 A & '    '      '7 A   
  A        '  9
8)=3 
3B> 9


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BL-XG0361AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XG0361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-XG0361-TR8AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XG0361-TR9AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XD0361SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR8SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR9SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XE1361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-B2114LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn