Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-XG6361-TR7 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part No. BL-XG6361-TR7
Description  AXIAL TYPE LED LAMPS SPECIFICATION
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-XG6361-TR7 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-XG6361-TR7 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-XG6361-TR7 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-XG6361-TR7 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-XG6361-TR7 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-XG6361-TR7 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
    
    
  
      
        !"
 #$
%&'
()*+,-. /&0,0
-&12
+.3-4**'-&3+
- - $0"
5"
0&--.6
*+*4
.7
89.
.12-%
 10"
.1)
''.413.

10"
6
08"
5
0"
.7
50" :'# /#
9 :'#
036"
&.;&12
12+.
<
6.2"
4..1
!
8-.4 +.4

$
$
$$
#!
=#$
$$
!
.047&.;&12 12+. &) -%. 55/&) 12+. - ;%&3% -%. +,0&1*,) &1-.1)&-: &) %+5 -%. /&+ +,0&1*,) &1-.1)&-:#
    !"
.9.4). *+-2. >>>>>>>>>>>>>>>##>>>>>>>>>>>>#>##>>>>>>>>>#> !
.9.4). ,44.1-  !" >>>>>>>>>>>>>>>>>#>>>>>>>>>>>>>>>>## $$?
'.4-&12 .0'.4-,4. 12. >>>>>>>>>>>>>>>>>##>>>#>>>>>##>> !  @$
-*42. .0'.4-,4. 12. >>>>>>>>>>>>>>>>>>>>>>>>>>##>> $  @!
.6 *+6.4&12 .0'.4-,4. >>>>>>>>>>>>##>>>>>##>>>##>>$8&-%&1 ! .3*16)
 A  
  #++ 6&0.1)&*1) 4. &1 0&++&0.-.4) &13%.)"#
#*+.413. &) $#!00 $#$B" ,1+.)) *-%.4;&). )'.3&5&.6#
#'.3&5&3-&*1) 4. ),(C.3- -* 3%12. ;&-%*,- 1*-&3.#


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BL-XG0361AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XG0361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-XG0361-TR8AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XG0361-TR9AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XD0361SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR8SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR9SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XE1361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-B2114LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn