Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-XG0361-TR9 Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part No. BL-XG0361-TR9
Description  AXIAL TYPE LED LAMPS SPECIFICATION
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo 

BL-XG0361-TR9 Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BRIGHT LED ELECTRONICS CORP.
SURFACE MOUNT CHIP LED LAMP SPECIFICATION
RELIABILITY TEST
PAGE:
5
REVISION:
1.0
Classification
Test Item
Reference Standard
Test Conditions
Result
Operation Life MIL-STD-750:1026
MIL-STD-883:1005
JIS C 7021
:B-1
Connect with a power If=20mA
Ta=Under room temperature
Test time=1,000hrs
0/20
High
Temperature
High Humidity
Storage
MIL-STD-202:103B
JIS C 7021
:B-11
Ta=+65℃±5℃
RH=90%-95%
Test time=240hrs
0/20
High
Temperature
Storage
MIL-STD-883:1008
JIS C 7021
:B-10
High Ta=+85℃±5℃
Test time=1,000hrs
0/20
Endurance
Test
Low
Temperature
Storage
JIS-C-7021
:B-12
Low Ta=-35℃±5℃
Test time=1,000hrs
0/20
Temperature
Cycling
MIL-STD-202:107D
MIL-STD-750:1051
MIL-STD-883:1010
JIS C 7021
:A-4
-35℃ ~ +25℃ ~ +85℃ ~ +25℃
60min 20min
60min
20min
Test Time=5cycle
0/20
Thermal Shock MIL-STD-202:107D
MIL-STD-750:1051
MIL-STD-883:1011
-35℃±5℃ ~+85℃±5℃
20min
20min
Test Time=10cycle
0/20
Environmental
Test
Solder
Resistance
MIL-STD-202:201A
MIL-STD-750:2031
JIS C 7021
:A-1
Preheating:
140℃-160℃,within 2 minutes.
Operation heating:
235℃(Max.), within 10seconds. (Max.)
0/20
JUDGMENT CRITERIA OF FAILURE FOR THE RELIABILITY
Measuring items
Symbol
Measuring conditions
Judgement criteria for failure
Forward voltage
VF ( V)
If=20mA
Over Ux1.2
Reverse current
Ir(uA)
Vr=5V
Over Ux2
Luminous intensity
Iv ( mcd )
If=20mA
Below SX0.5
Note:
1.U means the upper limit of specified characteristics.
S means initial value.
2.Measurment shall be taken between 2 hours and after the test pieces have been returned to normal
ambient conditions after completion of each test.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BL-XG0361AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XG0361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-XG0361-TR8AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XD0361SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR8SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR9SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XE1361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-B2124LED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-B6330MLED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn