Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-XG0361-TR9 Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part No. BL-XG0361-TR9
Description  AXIAL TYPE LED LAMPS SPECIFICATION
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-XG0361-TR9 Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-XG0361-TR9 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-XG0361-TR9 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-XG0361-TR9 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-XG0361-TR9 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-XG0361-TR9 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-XG0361-TR9 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BRIGHT LED ELECTRONICS CORP.
AXIAL LED LAMP SPECIFICATION
●COMMODITY:AXIAL TYPE LED LAMP
●DEVICE NUMBER:BL-XG0361-TR9
PAGE:
4
●TAPPING AND PACKAGING SPECIFICATION
REVISION:
1.0
SPECIFICATION
Minimum
Maximum
ITEM
SYMBOL
mm
inch
mm
inch
Tape Feed Hole Diameter (DIA)
D0
1.40
0.055
1.55
0.061
Feed Hole Location
E
1.65
0.065
1.85
0.072
Centers Line Dimensions Length Direction
F
5.45
0.215
5.55
0.218
Compartment Depth
K0
3.00
0.118
3.20
0.126
Carrier Tape Overall Thickness
K
3.00
0.118
3.20
0.126
Compartment Pitch
P
3.90
0.153
4.10
0.161
Sprocket Hole Diameter
P0
3.90
0.153
4.10
0.161
Centers Line Dimensions Length Direction
P2
1.95
0.076
2.05
0.080
Carrier Tape Thickness
t
0.30
0.012
Carrier Tape Width
W
12.00
0.472
12.30
0.484
Flange Diameter
A
178.0
7.008
180.0
7.087
Hub Spindle Hole
C
12.50
0.492
13.50
0.531
Hub Diameter
D2
20.00
0.788
21.50
0.846
Fixing Tape Width
W1
9.00
0.354
9.30
0.366
Flange Space Between Flanges
T
16.00
0.629
17.00
0.669
Compartment Length
A0
1.87
0.074
2.07
0.081
Compartment Width
B0
6.30
0.248
6.50
0.256
A n o d e
C a t h o d e


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BL-XG0361AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XG0361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-XG0361-TR8AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XD0361SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR8SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR9SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XE1361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-B2124LED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-B6330MLED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn