Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-XG0361-TR9 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-XG0361-TR9
Description  AXIAL TYPE LED LAMPS SPECIFICATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-XG0361-TR9 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-XG0361-TR9 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-XG0361-TR9 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-XG0361-TR9 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-XG0361-TR9 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-XG0361-TR9 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-XG0361-TR9 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BRIGHT LED ELECTRONICS CORP.
LED LAMPS SPECIFICATION
●COMMODITY:AXIAL TYPE LAMP
●DEVICE NUMBER:BL-XG0361-F9
PAGE:
2
●ELECTRICAL AND OPTICAL CHARACTERISTICS (Ta=25℃)
REVISION:
1.1
Chip
Absolute Maximun
Rating
Electro-optical
Data (At 20mA)
Vf(V)
Iv(mcd)
Emitted
Color
Peak
Wave
Length
λp (nm)
Dominant
Want
Length
λd(nm)
Lens
Appearance Δλ
(nm)
Pd
(mW)
If
(mA)
Peak
If(mA) Typ. Max. Min Typ.
Viewing
Angle
2θ1/2
(deg)
Yellow Green
568
571±5
Water Clear
30
80
30
100
2.2
2.6 18.5 45.0
35
Remark:1.Viewing angle is the Off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. This product doesn’t contain
restriction substance, comply ROHS standard
●ABSOLUTE MAXIMUN RATINGS (Ta=25℃)
Reverse Voltage ………………………………………..……………………………….…..……………………….… 5V
Reverse Current (VR=5V) …………………………………………….………………………………………….. 100µA
Operating Temperature Range ……………………………………………..……….……………..…… -25℃ ~ 80℃
Storage Temperature Range ……………………………………………………………………..…… -30℃ ~ 85℃
Lead Soldering Temperature ………………………………..……………..……………………… 260℃ For 5 Seconds
●PACKAGE DIMENSIONS
NOTES: 1.All dimensions are in millimeters (inches).
2.Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3.Lead spacing is measured where the leads emerge from the package.
4.Specifications are subject to change without notice.


Similar Part No. - BL-XG0361-TR9

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-XG0361-TR7 BRIGHT-BL-XG0361-TR7 Datasheet
220Kb / 4P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XG0361-TR8 BRIGHT-BL-XG0361-TR8 Datasheet
477Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
More results

Similar Description - BL-XG0361-TR9

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-XJF361 BRIGHT-BL-XJF361 Datasheet
193Kb / 5P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XX1361-TR7 BRIGHT-BL-XX1361-TR7 Datasheet
257Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XX1361-TR9 BRIGHT-BL-XX1361-TR9 Datasheet
247Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XE1361-TR7 BRIGHT-BL-XE1361-TR7 Datasheet
241Kb / 5P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XG0361-TR8 BRIGHT-BL-XG0361-TR8 Datasheet
477Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XGE361-TR9 BRIGHT-BL-XGE361-TR9 Datasheet
251Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XKB361-TR9 BRIGHT-BL-XKB361-TR9 Datasheet
289Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XJF361-TR7 BRIGHT-BL-XJF361-TR7 Datasheet
172Kb / 5P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XG6361-TR7 BRIGHT-BL-XG6361-TR7 Datasheet
218Kb / 5P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XGE361-TR8 BRIGHT-BL-XGE361-TR8 Datasheet
265Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com