Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-XG0361 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part No. BL-XG0361
Description  AXIAL TYPE LED LAMPS SPECIFICATION
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-XG0361 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-XG0361 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-XG0361 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-XG0361 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-XG0361 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-XG0361 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
    
  
    
 








      
       !"        #

  
 
   
  

!"
#
 #

$ %
&! 
'  

 
&! 
'  
#
' 

   

$#
&


$ %
 ()" "  ()"
 *
 
+,
# 
- *. 
/01
/2+3/
&   4
1
4
+/
"+ "0 +1"/ 5/"
4/
 % *   6  *      )      )"
786'9(: 9;( ;.8(</
 !    ===============""============"=""========="=/
 !     </================="================""+>
6   (       =================""==="=====""== / 1
8   (       ==========================""== 4  +
' #8# (    ============""=====""=========0/8 #
$?. ;8 6;8















;6(8@+"#    "
 "(   "/"+A    *   #"
 4"' #   #*     #     % "
 5"8    B    *    "


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BL-XD0361SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR8SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 BRIGHT LED ELECTRONICS CORP
BL-XD0361-TR9SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
BL-XE1361-TR7AXIAL TYPE LED LAMPS SPECIFICATION 1 2 3 4 5 BRIGHT LED ELECTRONICS CORP
BL-B2134-LLED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-BD03J7MLED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-BJ53J7MLED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-BK83R4V-1LED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-HG434C-TRBSURFACE MOUNT CHIP LED LAMPS SPECIFICATION 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn