Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-XD0361-TR8 Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-XD0361-TR8
Description  SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-XD0361-TR8 Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-XD0361-TR8 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-XD0361-TR8 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image





 


   
         
 




   
 
   
  
 
 
! 
!" 
!
#!$ %


&'  ()*

+,-.
.,.//
+,//
.,.0+
&' %  

+,0/
.,.0/
+,1/
.,.23
(4% 4 4%5( 

/,-/
.,3+/
/,//
.,3+1
( 

6,+.
.,+33
6,3.
.,+30
( 

6,7.
.,+/6
-,+.
.,+0+
( 8'  (

6,7.
.,+/6
-,+.
.,+0+
(4% 4 4%5( 

+,7/
.,.20
3,./
.,.1.
(((844

9
9
.,6.
.,.+3
(((:&
:
+3,..
.,-23
+3,6.
.,-1-
5 (

+21,.
2,..1
+1.,.
2,.12
'&' 
+3,/.
.,-73
+6,/.
.,/6+
' (

3.,..
.,211
3+,/.
.,1-0
"5:&
:
7,..
.,6/-
7,6.
.,600
5$54

+0,..
.,037
+1,-.
.,23-
( %5

3,67
.,.7-
3,-/
.,.70
( :&
$
2,23
.,6.-
2,1.
.,6.2



Similar Part No. - BL-XD0361-TR8

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-XD0361-TR7 BRIGHT-BL-XD0361-TR7 Datasheet
218Kb / 5P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XD0361-TR9 BRIGHT-BL-XD0361-TR9 Datasheet
393Kb / 6P
   SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION
More results

Similar Description - BL-XD0361-TR8

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-XD0361 BRIGHT-BL-XD0361 Datasheet
154Kb / 4P
   SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION
BL-XD0361-TR9 BRIGHT-BL-XD0361-TR9 Datasheet
393Kb / 6P
   SURFACE MOUNT AXIAL TYPE LED LAMPS SPECIFICATION
BL-XJF361 BRIGHT-BL-XJF361 Datasheet
193Kb / 5P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XX1361-TR7 BRIGHT-BL-XX1361-TR7 Datasheet
257Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XX1361-TR9 BRIGHT-BL-XX1361-TR9 Datasheet
247Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XE1361-TR7 BRIGHT-BL-XE1361-TR7 Datasheet
241Kb / 5P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XG0361-TR8 BRIGHT-BL-XG0361-TR8 Datasheet
477Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XG0361-TR9 BRIGHT-BL-XG0361-TR9 Datasheet
199Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XGE361-TR9 BRIGHT-BL-XGE361-TR9 Datasheet
251Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
BL-XKB361-TR9 BRIGHT-BL-XKB361-TR9 Datasheet
289Kb / 6P
   AXIAL TYPE LED LAMPS SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com