Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEH3223 Datasheet(PDF) 1 Page - Sumida Corporation

Part # EEH3223
Description  General Power Transformer Type:EEH Series>
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

EEH3223 Datasheet(HTML) 1 Page - Sumida Corporation

  EEH3223 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer <Pin Type:EEH Series>
Type: EEH3223/MS
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
8
7
1
14
1
14
7
8
6- 4. 5± 0. 2
3. 5± 0. 5
MAX. 34. 5
MAX. 23. 0
8
9
7
6
S
11
10
12
14
13
4
5
3
1
2
S
S
S
◆ Product Description
・41.7×34.5 mm Max.(L×W), 23.0mm Max. Height.
・In addition to the typical versions of parameters shown here,
custom designs are available to meet your exact requirements
◆ Feature
・Max. Operating frequency 500kHz. Max Operating Power 60.0W(500kHz)
・Ideally used in switching power supply etc.
・RoHS Compliance
◆ Dimensions (mm)
◆ Schematics (Bottom)
“S” Indicates the winding start.
◆Specification
Sample No.
Inductance (3-4)/(4-5)
20kHz/1V
Hi-pot (winding-winding)
(50/60,5mA)
Hi-pot (winding-core)
(50/60,5mA)
02YPD084
0.31mH ± 5%
AC 2700Vrms/1sec.
AC 2000Vrms/1sec.


Similar Part No. - EEH3223

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EEH3425 SUMIDA-EEH3425 Datasheet
106Kb / 1P
   General Power Transformer
EEH3425MS SUMIDA-EEH3425MS Datasheet
106Kb / 1P
   General Power Transformer
More results

Similar Description - EEH3223

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EEH4130 SUMIDA-EEH4130 Datasheet
31Kb / 1P
   General Power Transformer
EEH2218 SUMIDA-EEH2218 Datasheet
101Kb / 1P
   General Power Transformer
EEH2013 SUMIDA-EEH2013 Datasheet
41Kb / 1P
   General Power Transformer
EEH3425 SUMIDA-EEH3425 Datasheet
106Kb / 1P
   General Power Transformer
EI3330 SUMIDA-EI3330 Datasheet
121Kb / 1P
   General Power Transformer < Pin Type:EI Series>
EE1621 SUMIDA-EE1621 Datasheet
38Kb / 1P
   General Power Transformer< Pin Type:EE Series>
ER4831 SUMIDA-ER4831 Datasheet
134Kb / 1P
   General Power Transformer
EE4128 SUMIDA-EE4128 Datasheet
58Kb / 1P
   General Power Transformer
EI-2520 SUMIDA-EI-2520 Datasheet
76Kb / 1P
   General Power Transformer < Pin Type:EI Series>
EE1916 SUMIDA-EE1916 Datasheet
35Kb / 1P
   General Power Transformer < Pin Type:EE Series>
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com