Electronic Components Datasheet Search |
|
SHB-1T3216-102 Datasheet(PDF) 1 Page - Sumida Corporation |
|
SHB-1T3216-102 Datasheet(HTML) 1 Page - Sumida Corporation |
1 / 4 page PAGE Multilayer Chip Ferrite Beads —— SHB-3216 1/4 *All specifications are subject to change without notice. Features 1. Effective in suppressing noise at high frequencies. 2. Suited for preventing the abnormal oscillation from high frequency amplifying circuits. 3. Excellent solder heat resistance for soldering. 4. High reliability in the circuits of high current. 5. Lead Free (RoHS Compliance). Applications 1. Noise suppression in digital equipments. 2. Computers and peripheral devices, VCR and camera. 3. Noise suppression in automotive electronic equipment, car stereo, car engine controller. 4. Noise suppression for OA electronic instruments. Ordering Information SHB - 1 M 3216 - 102 J T (1) (2) (3) (4) (5) (6) Shape and Dimensions (1) Series SHB : For Signal line (4) Impedance (at 100MHz) First two digits are impedance values. Last digit is the number of zeros (2) Material & Design S : For high speed M : For high impedance type T : For Low speed (3) Dimension First two digits : length (㎜) Last two digits : width (㎜) (5) Termination J : Nickel barrier (6) Packaging B : Bulk package T : Tape & Reel (Φ178㎜ [ 7 inches ]) L : Tape & Reel (Φ254㎜ [ 10 inches ]) L T C₁ W Unit : mm [inches] Type L W T C 3.2±0.20 1.6±0.20 1.3±0.20 0.50±0.30 SHB-1□3216- 〔 .126±.008〕 〔.063±.008〕 〔.051±.008〕 〔.020±.012〕 |
Similar Part No. - SHB-1T3216-102 |
|
Similar Description - SHB-1T3216-102 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |