Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHB-1M1005-301 Datasheet(PDF) 2 Page - Sumida Corporation

Part # SHB-1M1005-301
Description  Multilayer Chip Ferrite Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SHB-1M1005-301 Datasheet(HTML) 2 Page - Sumida Corporation

  SHB-1M1005-301 Datasheet HTML 1Page - Sumida Corporation SHB-1M1005-301 Datasheet HTML 2Page - Sumida Corporation SHB-1M1005-301 Datasheet HTML 3Page - Sumida Corporation SHB-1M1005-301 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE
Multilayer Chip Ferrite Beads
——
SHB-1005
2/4
*All specifications are subject to change without notice.
Electrical Parameters
Parts with other electrical characteristics available upon request.
Test equipment : HP4291 + HP16192A
Electrical Characteristic Curves
1M
10M
100M
1G
0
5
10
15
20
25
X
R
Z
HB-1M1005-100J
Frequency [Hz]
1M
10M
100M
1G
0
20
40
60
80
100
X
R
Z
HB-1M1005-400J
Frequency [Hz]
1M
10M
100M
1G
0
50
100
150
200
X
R
Z
HB-1M1005-600J
Frequency [Hz]
lZl at 100MHz(Ω)
Part No.
typ.
min.
DC Resistance
(Ω) max.
Rated current
(mA) max.
SHB-1M1005-100□□
10
7.5
0.05
1000
SHB-1M1005-400□□
40
30
0.15
900
SHB-1M1005-600□□
60
45
0.20
650
SHB-1M1005-800□□
80
60
0.20
650
SHB-1M1005-121□□
120
90
0.30
500
SHB-1M1005-221□□
220
165
0.35
500
SHB-1M1005-301□□
300
225
0.45
400
SHB-1M1005-471□□
470
355
0.55
300
SHB-1M1005-601□□
600
450
0.60
300
SHB-1M1005-102□□
1000
750
1.30
250
SHB-1T1005-100□□
10
7.5
0.05
1000
SHB-1T1005-260□□
26
19.5
0.10
900
SHB-1T1005-400□□
40
30
0.10
900
SHB-1T1005-600□□
60
45
0.20
650
SHB-1T1005-700□□
70
53
0.20
650
SHB-1T1005-800□□
80
60
0.25
550
SHB-1T1005-121□□
120
90
0.25
500
SHB-1T1005-221□□
220
165
0.35
500
SHB-1T1005-241□□
240
180
0.40
400
SHB-1T1005-301□□
300
225
0.45
400
SHB-1T1005-601□□
600
450
0.60
400
SHB-1S1005-100□□
10
7.5
0.10
500
SHB-1S1005-300□□
30
23
0.20
400
SHB-1S1005-600□□
60
45
0.30
350
SHB-1S1005-101□□
100
75
0.35
300
SHB-1S1005-121□□
120
90
0.40
300
SHB-1M1005-100J
SHB-1M1005-400J
SHB-1M1005-600J


Similar Part No. - SHB-1M1005-301

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHB-1M1608-102 SUMIDA-SHB-1M1608-102 Datasheet
497Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1M1608-121 SUMIDA-SHB-1M1608-121 Datasheet
497Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1M1608-221 SUMIDA-SHB-1M1608-221 Datasheet
497Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1M1608-300 SUMIDA-SHB-1M1608-300 Datasheet
497Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1M1608-301 SUMIDA-SHB-1M1608-301 Datasheet
497Kb / 4P
   Multilayer Chip Ferrite Beads
More results

Similar Description - SHB-1M1005-301

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
   Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
   Multilayer Chip Ferrite Beads
SHB-5750 SUMIDA-SHB-5750 Datasheet
271Kb / 1P
   Multilayer Chip Ferrite Beads
SHU-1M2012-400 SUMIDA-SHU-1M2012-400 Datasheet
400Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M3216-500 SUMIDA-SHH-1M3216-500 Datasheet
459Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1L1608 SUMIDA-SHB-1L1608 Datasheet
464Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M2012-150 SUMIDA-SHH-1M2012-150 Datasheet
453Kb / 4P
   Multilayer Chip Ferrite Beads
SHH-1M1608-300 SUMIDA-SHH-1M1608-300 Datasheet
439Kb / 4P
   Multilayer Chip Ferrite Beads
SHH-1M4516-600 SUMIDA-SHH-1M4516-600 Datasheet
366Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M1005-100 SUMIDA-SHH-1M1005-100 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com