Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-SDB-DLD-C10 Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-SDB-DLD-C10
Description  High brightness surface mount LED.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-SDB-DLD-C10 Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-SDB-DLD-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-SDB-DLD-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-SDB-DLD-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-SDB-DLD-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-SDB-DLD-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
SPICELED InGaN BL-SDx-DLD Series
V.2 Page: 3 of 5
Wavelength Grouping:
Color
Group
Wavelength distribution (nm)
@ If = 5mA
BL-SDB; Blue
Full
W
X
Y
Z
464 - 476
464 - 468
468 - 472
472 – 476
476 – 480
Wavelength is measured with an accuracy of
±1 nm.
BL-SDW: White Chromaticity Coordinate Grouping
D-Spice W hite Bin S tructure
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.19
0.20
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
Y2
Y1
X2
X1
W2
W1
Chromaticity coordinate groups are measured with an accuracy of
±0.01.
Bin
1
2
3
4
Bin
1
2
3
4
W1
Cx
0.260
0.275
0.275
0.260
W2
Cx
0.275
0.290
0.290
0.275
Cy
0.218
0.244
0.289
0.263
Cy
0.244
0.270
0.315
0.289
X1
Cx
0.290
0.305
0.305
0.290
X2
Cx
0.305
0.320
0.320
0.305
Cy
0.270
0.296
0.341
0.315
Cy
0.296
0.322
0.367
0.341
Y1
Cx
0.320
0.335
0.335
0.320
Y2
Cx
0.335
0.350
0.350
0.335
Cy
0.322
0.348
0.393
0.367
Cy
0.348
0.374
0.419
0.393


Similar Part No. - BL-SDB-DLD-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-SDW-DLD-C10 BRIGHT-BL-SDW-DLD-C10 Datasheet
170Kb / 5P
   High brightness surface mount LED.
More results

Similar Description - BL-SDB-DLD-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com