Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHH-1M3216-121 Datasheet(PDF) 2 Page - Sumida Corporation

Part # SHH-1M3216-121
Description  Multilayer Chip Ferrite Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SHH-1M3216-121 Datasheet(HTML) 2 Page - Sumida Corporation

  SHH-1M3216-121 Datasheet HTML 1Page - Sumida Corporation SHH-1M3216-121 Datasheet HTML 2Page - Sumida Corporation SHH-1M3216-121 Datasheet HTML 3Page - Sumida Corporation SHH-1M3216-121 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE
Multilayer Chip Ferrite Beads
——SHH-3216
2/4
*All specifications are subject to change without notice.
Electrical Parameters
lZl at 100MHz(
Ω)
Part No.
Typ.
min.
DC Resistance
(Ω) max.
Rated current
(mA) max.
SHH-1M3216-500□□
50
37
0.02
4000
SHH-1M3216-700□□
70
52
0.02
4000
SHH-1M3216-900□□
90
68
0.02
4000
SHH-1M3216-101□□
100
75
0.03
4000
SHH-1M3216-121□□
120
90
0.03
4000
SHH-1M3216-151□□
150
115
0.05
2000
SHH-1M3216-201□□
200
150
0.08
2000
SHH-1M3216-301□□
300
225
0.09
2000
SHH-1M3216-501□□
500
375
0.06
3000
SHH-1M3216-601□□
600
450
0.06
3000
SHH-1M3216-102□□
1000
750
0.25
1000
SHH-1S3216-100□□
10
7.5
0.05
3000
SHH-1S3216-200□□
20
15
0.10
3000
SHH-1S3216-800□□
80
60
0.25
2000
SHH-1S3216-251□□
250
190
0.30
2000
SHH-1T3216-260□□
26
20
0.03
4000
SHH-1T3216-350□□
35
26
0.03
4000
SHH-1T3216-500□□
50
37
0.04
3000
SHH-1T3216-700□□
70
52
0.05
2500
SHH-1T3216-800□□
80
60
0.05
2500
SHH-1T3216-121□□
120
90
0.10
2000
SHH-1T3216-151□□
150
115
0.10
2000
SHH-1T3216-201□□
200
150
0.15
1800
SHH-1T3216-601□□
600
450
0.30
1000
SHH-1T3216-801□□
800
600
0.30
1000
SHH-1T3216-102□□
1000 (at 60MHz)
750
0.30
1000
SHH-1T3216-122□□
1200 (at 50MHz)
900
0.40
1000
SHH-1T3216-202□□
2000 (at 30MHz)
1500
0.40
1000
Parts with other electrical characteristics available upon request.
Test equipment : HP4291 + HP16192A
Electrical Characteristic Curves
1M
10M
100M
1G
0
50
100
150
200
X
R
Z
HH-1M3216-500J
Frequency [Hz]
1M
10M
100M
1G
0
50
100
150
200
X
R
Z
HH-1M3216-700J
Frequency [Hz]
1M
10M
100M
1G
0
50
100
150
200
250
300
X
R
Z
HH-1M3216-121J
Frequency [Hz]
S
S
S


Similar Part No. - SHH-1M3216-121

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHH-1M1005-100 SUMIDA-SHH-1M1005-100 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-102 SUMIDA-SHH-1M1005-102 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-221 SUMIDA-SHH-1M1005-221 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-471 SUMIDA-SHH-1M1005-471 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-601 SUMIDA-SHH-1M1005-601 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
More results

Similar Description - SHH-1M3216-121

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
   Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
   Multilayer Chip Ferrite Beads
SHB-5750 SUMIDA-SHB-5750 Datasheet
271Kb / 1P
   Multilayer Chip Ferrite Beads
SHU-1M2012-400 SUMIDA-SHU-1M2012-400 Datasheet
400Kb / 3P
   Multilayer Chip Ferrite Beads
SHB-1M1005-100 SUMIDA-SHB-1M1005-100 Datasheet
491Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1L1608 SUMIDA-SHB-1L1608 Datasheet
464Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M2012-150 SUMIDA-SHH-1M2012-150 Datasheet
453Kb / 4P
   Multilayer Chip Ferrite Beads
SHH-1M1608-300 SUMIDA-SHH-1M1608-300 Datasheet
439Kb / 4P
   Multilayer Chip Ferrite Beads
SHH-1M4516-600 SUMIDA-SHH-1M4516-600 Datasheet
366Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M1005-100 SUMIDA-SHH-1M1005-100 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com