Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLQ72B Datasheet(PDF) 1 Page - Sumida Corporation

Part No. CLQ72B
Description  General Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

CLQ72B Datasheet(HTML) 1 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer < SMD Type : CLQ Series>
Type: CLQ72B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
7.0×7.0mm Max.(L×W), 2.5mm Max. Height.
In addition to the typical versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
Magnetically shielded construction.
Max. Operating frequency 1MHz.
Max Operating Power 780mW (1MHz),380mW(500kHz),220mW(300kHz).
Ideally used in LCD TV、Digital still camera、PDA.
RoHS Compliance.
Dimensions (mm)
Schematics (Bottom)
Land Pattern (mm)
“ S” is winding start.
Specification
Sample No.
Inductance
1kHz/1V
D.C.R. (4-1)
at20℃
D.C.R.(3-2)
at20℃
6339 – T111
750µH ± 30%
494mΩ Max.
962mΩ Max.
4
3
2
1
5
6
7
8
6.7±0.3
3-1.27±0.2
0.4
1
4
5
8
MAX.2.5
(2.25)
0. 7
1.27
(6. 9)
1.27 1.27


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CLQ7D37_06General Power Transformer 1 Sumida Corporation
CLQ102_06General Power Transformer 1 Sumida Corporation
CLQ52_06General Power Transformer 1 Sumida Corporation
CM-5NGeneral Power Transformer 1 2 Sumida Corporation
CMD-6LNLGeneral Power Transformer 1 2 Sumida Corporation
CEEH135General Power TransformerType: CEEH Series> 1 Sumida Corporation
CMD-8NGeneral Power Transformer 1 2 Sumida Corporation
CMD-8LNGeneral Power Transformer 1 2 Sumida Corporation
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
CEI-120General Power Transformer 1 Sumida Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn